công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS33003-M018QFNR bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện TS33003-M018QFNR
Giải thích chi tiết về linh kiện  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M018QFNR bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  TS33003-M018QFNR Datasheet HTML 1Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M018QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
1 of 16
Semtech
Proprietary & Confidential
TS33001/2/3
High Efficiency Synchronous 1/2/3A
DC/DC Buck Converter, 5Mhz
TRIUNE PRODUCTS
Features
Fixed Output option has automatic low power PFM mode
for reduced quiescent current at light loads
5MHz +/- 10% fixed switching frequency
Fixed output voltages: 0.8V, 0.9V, 1.2V, 1.5V, 1.8V,
2.5V, and 3.3V with +/- 2% output tolerance
Input voltage range: 2.5V to 5.5V
Voltage mode PWM control with input voltage feed-
Forward compensation
Voltage supervisor for VOUT reported at the PG pin
Input supply under voltage lockout
Soft start for controlled startup with no overshoot
Full protection for over-current, over-temperature,
and VOUT overvoltage
Less than 200nA in shutdown mode
Multiple enable pins for flexible system sequencing
Low external component count
Junction operating temperature -40C to 125C
Packaged in a 16 pin QFN (3x3)
Applications
Point of load
Systems with deep submicron ASICs/FPGAs
Set-top box
Communications equipment
Portable and handheld equipment
Description
The TS33001/2/3 (1/2/3A) are DC/DC synchronous switching
regulators with fully integrated power switches, internal
compensation, and full fault protection. The switching
frequency of 5MHz enables the use of extremely small filter
components, resulting in smaller board space and reduced
BOM costs.
When the input current is greater than approximately 50mA,
the TS33001/2/3 utilizes PWM voltage mode feedback with input
voltage feed-forward to provide a wide input voltage range
without the need for external compensation.
When the input current is less than 50mA, the device uses a
PFM mode to provide increased efficiency at light loads. The
cross over between PFM mode and PWM is automatic and
has hysteresis to prevent oscillation between the modes.
Additionally, the nLP mode pin can be used to force the device
into PWM mode to reduce the output ripple, if needed.
The TS33001/2/3 integrates a wide range of protection circuitry;
including input supply under-voltage lockout, output under-
voltage, output over-voltage, soft start, high side FET and low side
FET current limits, and thermal shutdown.
Typical Applications
VCC
VCC
Fixed Output
VSW
1µH
VOUT
22uF
VOUT
Sense
10uF
FB
VCC or VOUT
nLP
nLP
10 kohm
(optional)
EN
EN
PG
PG


Số phần tương tự - TS33003-M018QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Mô tả tương tự - TS33003-M018QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com