công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS33003-M008QFNR bảng dữ liệu(PDF) 2 Page - Semtech Corporation

tên linh kiện TS33003-M008QFNR
Giải thích chi tiết về linh kiện  High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33003-M008QFNR bảng dữ liệu(HTML) 2 Page - Semtech Corporation

  TS33003-M008QFNR Datasheet HTML 1Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 2Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 3Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 4Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 5Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 6Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 7Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 8Page - Semtech Corporation TS33003-M008QFNR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TS33001/2/3
Final Datasheet
Rev 1.6
January 15, 2016
www.semtech.com
2 of 16
Semtech
Proprietary & Confidential
Pinout
VSW
VSW
VCC
VCC
TS33001/2/3
VCC
TEST
OUT
GND
EN
Pin Description
Pin #
Pin Name
Pin Function
Description
1
VSW
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 12, 14, & 15
2
VCC
Input Voltage
Input voltage supply. Short to Pins 3 & 11
3
VCC
Input Voltage
Input voltage supply. Short to Pins 2 & 11
4
GND
GND
Ground for the internal circuitry of the device
5
FB
Feedback Input
Feedback voltage for the regulator when used in adjustable mode.
Connect to the output voltage resistor divider for adjustable mode
and No Connection for fixed output modes
6
V
OUT
Sense
Output Voltage Sense
Output Voltage Sense. Requires kelvin connection to 4.7uF
output capacitor
7
nLP
nLP Input
Forcing this pin high prevents the device from going into Low Power
PFM mode operation
8
PG
PG Output
Power Good indicator Open-drain output.
9
EN
Enable Input
Input high voltage enables the device. Input low disables the device.
10
TEST OUT
Test Mode Output
Connect to GND. For internal testing use only.
11
VCC
Input Voltage
Input voltage supply. Short to Pins 2 & 3
12
VSW
Switching Voltage Node
Connect to 1µH inductor. Short to Pins 1, 14, & 15
13
PGND
Power GND
GND supply for internal low-side FET/integrated diode. Short to Pin 16
14
VSW
Switching Voltage Node
Connect to 1µH inductor. Short to Pins 1, 12, & 15
15
VSW
Switching Voltage Node
Connect to 1µH inductor. Short to Pins 1, 12, & 14
16
PGND
Power GND
GND supply for internal low-side FET/integrated diode.
Short to Pin 13


Số phần tương tự - TS33003-M008QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Mô tả tương tự - TS33003-M008QFNR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
   24V, 3A DC-DC Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com