công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS61001 bảng dữ liệu(PDF) 1 Page - Semtech Corporation

tên linh kiện TS61001
Giải thích chi tiết về linh kiện  Full-bridge FET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS61001 bảng dữ liệu(HTML) 1 Page - Semtech Corporation

  TS61001 Datasheet HTML 1Page - Semtech Corporation TS61001 Datasheet HTML 2Page - Semtech Corporation TS61001 Datasheet HTML 3Page - Semtech Corporation TS61001 Datasheet HTML 4Page - Semtech Corporation TS61001 Datasheet HTML 5Page - Semtech Corporation TS61001 Datasheet HTML 6Page - Semtech Corporation TS61001 Datasheet HTML 7Page - Semtech Corporation TS61001 Datasheet HTML 8Page - Semtech Corporation TS61001 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS61001
Final Datasheet
Rev 1.2
March 19, 2015
www.semtech.com
1 of 10
Semtech
Proprietary & Confidential
TS61001
TRIUNE PRODUCTS
Features
Supports Qi®, PMA, A4WP and proprietary wireless power
applications
Power outputs scalable based on FET size
Support for half and full-bridge power sections
Integrated comparator
Low external component count
Available in 28 pin 5x5 QFN
Applications
Multi-standard compliant and non-compliant wireless
chargers for:
Œ
Cell Phones and Smartphones
Œ
GPS Devices
Œ
Digital Cameras
Œ
Tablets and eReaders
Œ
Portable Lighting
Full and half-bridge power converters
Motor drive applications
Full-bridge FET Driver
Description
The TS61001 is a high-voltage FET driver that can be used to
drive N-channel devices in full or half bridge configurations.
The TS61001 can support various power converter
applications, multiple standard and proprietary wireless power
applications, and motor driver systems.
Specifications
Drives both low side and high side N-channel MOSFETS
6Ω pull-up, 2Ω pull-down gate drivers
Independent TTL compatible inputs
Floating gate drive and bootstrap circuits for driving high
side devices – up to 85V for the bootstrap supply voltage
5 - 12V gate drive capability allows compatibility with a
wide range of FETs
Fast propagation delays (<50nS typical)
Matched channel to channel delays (<25nS mismatch)
Fast rise and fall times
Optional break before make detection to set minimum
dead time protection
Available comparator, amplifier and 3.3V linear regulator
(10mA capability) for supporting circuitry
Under voltage lock out protection
Over temperature shut down (TSD) protection
Typical Application Circuit


Số phần tương tự - TS61001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Mô tả tương tự - TS61001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
Semtech Corporation
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
   Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
   Full-bridge FET Driver
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
   Radiation Hardened Full Bridge N-Channel FET Driver
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
   FULL BRIDGE DRIVER
logo
Intersil Corporation
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com