công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS13101 bảng dữ liệu(PDF) 3 Page - Semtech Corporation

tên linh kiện TS13101
Giải thích chi tiết về linh kiện  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101 bảng dữ liệu(HTML) 3 Page - Semtech Corporation

  TS13101 Datasheet HTML 1Page - Semtech Corporation TS13101 Datasheet HTML 2Page - Semtech Corporation TS13101 Datasheet HTML 3Page - Semtech Corporation TS13101 Datasheet HTML 4Page - Semtech Corporation TS13101 Datasheet HTML 5Page - Semtech Corporation TS13101 Datasheet HTML 6Page - Semtech Corporation TS13101 Datasheet HTML 7Page - Semtech Corporation TS13101 Datasheet HTML 8Page - Semtech Corporation TS13101 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
www.semtech.com
3 of 10
Semtech
Functional Block Diagram
Figure 1: TS13101 Block Diagram
Absolute Maximum Rating
Over operating free–air temperature range unless otherwise noted(1, 2, 3)
Parameter
Range
UNIT
SW1, SW2, SYSP (Peak Voltage)
-60 to 60
V
CLK, CLK2, DATA, VDD1, VDD2, CPP
-0.3 to 5.5
V
SUB
-60 to 0.3
V
Operating Junction Temperature Range, TJ
-40 to 125
°C
Storage Temperature Range, TSTG
-65 to 150
°C
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Machine Model
+/-200
V
Electrostatic Discharge – IEC Contact (SW1 and SW2 pins)
±8k
V
Electrostatic Discharge – IEC Air Discharge (SW1 and SW2 pins)
±15k
V
Lead Temperature (soldering, 10 seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to SRC terminal.
(3) ESD testing is performed according to the respective JESD22 JEDEC standard.
Digital
Control
Switch
Driver
Ilimit
Detect
VDD1
CLK
SUB
VDD1
SW1
SW2
DATA
VDD2
VDD2
SRC
CPP
SYSP


Số phần tương tự - TS13101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

Mô tả tương tự - TS13101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com