công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS2960-IBE3 bảng dữ liệu(PDF) 11 Page - Semtech Corporation

tên linh kiện GS2960-IBE3
Giải thích chi tiết về linh kiện  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2960-IBE3 bảng dữ liệu(HTML) 11 Page - Semtech Corporation

Back Button GS2960-IBE3 Datasheet HTML 7Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 8Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 9Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 10Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 11Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 12Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 13Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 14Page - Semtech Corporation GS2960-IBE3 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
GS2960 3Gb/s, HD, SD SDI Receiver Complete with
SMPTE Video Processing
Data Sheet
48003 - 6
September 2012
11 of 97
C7RESET_TRST
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to reset the internal operating conditions to default settings
and to reset the JTAG sequence.
Normal mode (JTAG/HOST = LOW):
When LOW, all functional blocks are set to default conditions and
all digital output signals become high impedance.
When HIGH, normal operation of the device resumes.
JTAG test mode (JTAG/HOST = HIGH):
When LOW, all functional blocks are set to default and the JTAG test
sequence is reset.
When HIGH, normal operation of the JTAG test sequence resumes
after RESET_TRST is de-asserted.
D4, E4, F4
PLL_GND
Input Power
GND pins for the Reclocker PLL. Connect to analog GND.
D5, E5, F5,
G4, G5
CORE_GND
Input Power
GND connection for device core. Connect to digital GND.
D6, E6, F6,
G6
CORE_VDD
Input Power
POWER connection for device core. Connect to 1.2V DC digital.
D7
SW_EN
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable switch-line locking, as described in Section 4.10.1.
D8
JTAG/HOST
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select JTAG test mode or host interface mode.
When JTAG/HOST is HIGH, the host interface port is configured for
JTAG test.
When JTAG/HOST is LOW, normal operation of the host interface
port resumes.
E1
SDI_VDD
Input Power
POWER pin for SDI buffer. Connect to 3.3V DC analog.
E2
SDI_GND
Input Power
GND pin for SDI buffer. Connect to analog GND.
E7
SDOUT_TDO
Output
COMMUNICATION SIGNAL OUTPUT
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data output/test data out.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test
results from the device.
In host interface mode, this pin is used to read status and
configuration data from the device.
Note: GSPI is slightly different than the SPI. For more details on GSPI,
please refer to 4.19 GSPI - HOST Interface.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS2960-IBE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results

Mô tả tương tự - GS2960-IBE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com