công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM470R1B1M-HT bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện SM470R1B1M-HT
Giải thích chi tiết về linh kiện  16-/32-Bit RISC Flash Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1M-HT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button SM470R1B1M-HT_15 Datasheet HTML 5Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 6Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 7Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 8Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 9Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 10Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 11Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 12Page - Texas Instruments SM470R1B1M-HT_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155I – SEPTEMBER 2009 – REVISED JUNE 2015
3
Device Characteristics
DEVICE DESCRIPTION
CHARACTERISTICS(1)
COMMENTS
SM470R1B1M
MEMORY
For the number of memory selects on this device, see Table 8-5, SM470R1B1M Memory Selection Assignment.
Pipeline/non-pipeline
Flash is pipeline-capable.
1MB flash
The B1M RAM is implemented in one 64K array selected by two
INTERNAL MEMORY
64KB SRAM
memory-select signals (see Table 8-5, SM470R1B1M Memory
Selection Assignment ).
MSM
JTAG security module
PERIPHERALS
For the device-specific interrupt priority configurations, see Table 8-2, Interrupt Priority. And for the 1K peripheral address ranges and their
peripheral selects, see Table 8-7, B1M Peripherals, System Module, and Flash Base Addresses.
CLOCK
ZPLL
Zero-pin PLL has no external loop filter pins.
Expansion bus
Expansion bus module with 42 pins. Supports 8- and 16-bit
EBM
memories. See Table 8-3 for details.
GENERAL-PURPOSE I/Os
Port A has 8 external pins.
Port B has only 1 external pin.
Port C has 5 external pins.
46 I/O
Port D has 6 external pins.
Ports E, F, and G each have 8 external pins.
Port H has 2 external pins.
ECP
Yes
SCI
3 (3 pin)
CAN (HECC and/or SCC)
2 HECC
Two HECC
SPI (5-pin, 4-pin, or 3-pin)
2 (5 pin)
I2C
5
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This
HR sharing is independent of whether or not the odd pin is available
HET with XOR share
12 I/O
externally. If an odd pin is available externally and shared, then the
odd pin can only be used as a general-purpose I/O. For more
information on HR SHARE, see the TMS470R1x High-End Timer
(HET) Reference Guide (SPNU199).
HET RAM
64-instruction capacity
10-bit, 12-channel
Both the logic and registers for a full 16-channel MibADC are
MibADC
64-word FIFO
present.
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
84 or 144
PACKAGES
HFQ, HKP, or PGE
(1)
This table identifies all the characteristics of the B1M device except the SYSTEM and CPU, which are generic.
Copyright © 2009–2015, Texas Instruments Incorporated
Device Characteristics
9
Submit Documentation Feedback
Product Folder Links: SM470R1B1M-HT


Số phần tương tự - SM470R1B1M-HT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM470R1B1M-HT TI1-SM470R1B1M-HT Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1M-HT TI1-SM470R1B1M-HT Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Mô tả tương tự - SM470R1B1M-HT_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com