công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74VMEH22501A-EP bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện SN74VMEH22501A-EP
Giải thích chi tiết về linh kiện  8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74VMEH22501A-EP bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74VMEH22501A-EP_15 Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 12Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 13Page - Texas Instruments SN74VMEH22501A-EP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SN74VMEH22501A-EP
SCES625A – FEBRUARY 2005 – REVISED NOVEMBER 2015
www.ti.com
7.8 Switching Characteristics for Bus Transceiver Function (I Version)
over recommended operating conditions (unless otherwise noted) (see Figure 7 and Figure 8); TA = –40°C to 85°C
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
4.5
9.2
1A or 2A
1B or 2B
ns
tPHL
4.2
7.8
tPLH
6.2
14.5
1A or 2A
1Y or 2Y
ns
tPHL
6.1
13
tPZH
3.6
8.1
OEAB
1B or 2B
ns
tPZL
3.4
7.8
tPHZ
3.3
9.7
OEAB
1B or 2B
ns
tPLZ
1.8
4.8
tr
Transition time, B port (10%–90%)
4.3
ns
tf
Transition time, B port (90%–10%)
4.3
ns
tPLH
1.6
5.6
1B or 2B
1Y or 2Y
ns
tPHL
1.6
5.6
tPZH
1.2
5.6
OEBY
1Y or 2Y
ns
tPZL
1.8
4.9
tPHZ
0.9
5.4
OEBY
1Y or 2Y
ns
tPLZ
1.4
4.5
7.9 Switching Characteristics for Bus Transceiver Function (M Version)
over recommended operating conditions (unless otherwise noted) (see Figure 7 and Figure 8); TA = –55°C to 125°C
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
4.5
10.8
1A or 2A
1B or 2B
ns
tPHL
4.2
10.6
tPLH
6.2
15.7
1A or 2A
1Y or 2Y
ns
tPHL
6.1
15.7
tPZH
3.6
9.8
OEAB
1B or 2B
ns
tPZL
2.8
8.7
tPHZ
3.3
9.7
OEAB
1B or 2B
ns
tPLZ
1.8
5.6
tr
Transition time, B port (10%–90%)
4.3
ns
tf
Transition time, B port (90%–10%)
4.3
ns
tPLH
1.6
6.8
1B or 2B
1Y or 2Y
ns
tPHL
1.6
6.7
tPZH
1.2
6.9
OEBY
1Y or 2Y
ns
tPZL
1.8
6.6
tPHZ
0.9
6.8
OEBY
1Y or 2Y
ns
tPLZ
1.4
5.4
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: SN74VMEH22501A-EP


Số phần tương tự - SN74VMEH22501A-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
More results

Mô tả tương tự - SN74VMEH22501A-EP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
logo
NEC
UPB8286 NEC-UPB8286 Datasheet
180Kb / 4P
   8 BIT BUS TRANSCEIVERS
logo
Motorola, Inc
MC14034B MOTOROLA-MC14034B Datasheet
313Kb / 9P
   8-Bit Universal Bus Register
logo
ON Semiconductor
74LCX16501 ONSEMI-74LCX16501 Datasheet
188Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised March 2001
74LCX16500 ONSEMI-74LCX16500 Datasheet
210Kb / 12P
   Low Voltage 18-Bit Universal Bus Transceivers
Revised June 2002
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com