công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SBX2045 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện SBX2045
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBX2045 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  SBX2045 Datasheet HTML 1Page - Diotec Semiconductor SBX2045 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBX2030 ... SBX2050
SBX2030 ... SBX2050
2nd Generation Bypass Diodes for Solar Modules – Schottky Barrier Rectifiers
2. Generation Bypass-Dioden für Solarmodule – Schottky-Barrier-Gleichrichter
Version 2014-07-18
Dimensions - Maße [mm]
Nominal current
Nennstrom
20 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
30...50 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
Weight approx.
Gewicht ca.
2.0 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
On request taped on 13” reel
Green Molding
Standard Lieferform gegurtet in Ammo-Pack
Halogen-Free1
Auf Anfrage gegurtet auf 13” Rolle
Features
Vorteile
Up to 50V reverse voltage at low VF
Lowest value RthL for lowest Tj
Best trade-off between VF and IR 2)
1000pcs/13” reel for longer reel change intervals
Bis zu 50V Sperrspannung bei niedrigem VF
Niedrigster RthL Wert für niedrigstes Tj
Optimaler Kompromiss zwischen VF und IR 2)
1000 Stk. / 13” Rolle für längere Bestückungszyklen
Maximum ratings and characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive / Surge peak reverse voltage
Periodische- / Spitzen-Sperrspannung
VRRM [V] / VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 125°C
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 25°C
IF = 5 A
IF = 5 A
IF = 20 A
SBX2030
30
typ. 0.30
< 0.45
< 0.59
SBX2040
40
typ. 0.30
< 0.45
< 0.59
SBX2045
45
typ. 0.30
< 0.45
< 0.59
SBX2050
50
typ. 0.32
< 0.47
< 0.61
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
20 A3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
290/330 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
420 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+150°C
≤ 200°C 2)
Storage temperature – Lagerungstemperatur
TS
-50...+175°C
1
From 1H/2012 – Ab 1H/2012
2
For more details, ask for the Diotec Application Note “Reliability of Bypass Diodes”
Weitere Infos in der Diotec Applikationsschrift „Reliability of Bypass Diodes”
3
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.6±0.05
Ø 8±0.1


Số phần tương tự - SBX2045

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
SBX2045 DIOTEC-SBX2045 Datasheet
111Kb / 2P
   Schottky Barrier Rectifiers
SBX2045 DIOTEC-SBX2045 Datasheet
149Kb / 2P
   Schottky Barrier Rectifier Diodes
SBX2045-3G DIOTEC-SBX2045-3G Datasheet
155Kb / 2P
   Schottky Barrier Rectifier Diodes Generation
More results

Mô tả tương tự - SBX2045

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com