công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW88N65M5-4 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
STW88N65M5-4 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
4 / 13 page Electrical characteristics STW88N65M5-4 4/13 Doc ID 027754 Rev 1 2 Electrical characteristics (TC = 25 °C unless otherwise specified) Table 4. Static Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage ID = 1 mA, VGS = 0 V 650 V IDSS Zero gate voltage drain current VGS = 0 V, VDS = 650 V 1 µA VGS =0 V, VDS =650 V, TC =125 °C 100 IGSS Gate-body leakage current VDS = 0 V, VGS = ± 25 V ± 100 nA VGS(th) Gate threshold voltage VDS = VGS, ID = 250 µA 3 4 5 V RDS(on) Static drain-source on- resistance VGS = 10 V, ID = 42 A 0.024 0.029 Ω Table 5. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit Ciss Input capacitance VDS = 100 V, f = 1 MHz, VGS = 0 V - 8825 - pF Coss Output capacitance - 223 - Crss Reverse transfer capacitance -11 - Co(tr) (1) 1. Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Equivalent capacitance time related VGS = 0 V, VDS = 0 to 520 V - 778 - pF Co(er) (2) 2. Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. Equivalent capacitance energy related - 202 - RG Intrinsic gate resistance f = 1 MHz open drain - 1.79 - Ω Qg Total gate charge VDD = 520 V, ID = 42 A, VGS = 10 V (see Figure 16) - 204 - nC Qgs Gate-source charge - 51 - Qgd Gate-drain charge - 84 - |
Số phần tương tự - STW88N65M5-4 |
|
Mô tả tương tự - STW88N65M5-4 |