công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA064X103K2RACAUTO bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện CA064X103K2RACAUTO
Giải thích chi tiết về linh kiện  Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064X103K2RACAUTO bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  CA064X103K2RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/18/2015 - e33d0b01-de44-4930-9884-98ae36b4983c
KEMET Part Number: CA064X103K2RACAUTO
Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.01 uF, +/-10% Tol, 0612, 200 V, X7R
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1.6
+/-0.2
W
3.2
+/-0.2
T
0.8
+/-0.1
P
0.8
+/-0.1
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Automotive/FlexibleTermination
Part Type Description: SMD, MLCC, Array, Flex
Termination, Auto Grade
Temperature Coefficient: X7R
Body Type: SMD Array
Termination Type: Tin (Sn)
Chip Size: 0612
RoHS: Yes
Specifications
Capacitance: 0.01 uF
Voltage: 200 V
Tolerance: +/-10%
Failure Rate: N/A
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Số phần tương tự - CA064X103K2RACAUTO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
CA064X103K2RACTU KEMET-CA064X103K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
More results

Mô tả tương tự - CA064X103K2RACAUTO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
CA064X103K1RACAUTO KEMET-CA064X103K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.01 uF, /-10% Tol, 0612, 100 V, X7R
CA064X103K2RACTU KEMET-CA064X103K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 200 V, X7R
CA064X223K1RACAUTO KEMET-CA064X223K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.022 uF, /-10% Tol, 0612, 100 V, X7R
CA064X332K2RACAUTO KEMET-CA064X332K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 3300 pF, /-10% Tol, 0612, 200 V, X7R
CA064X222K2RACAUTO KEMET-CA064X222K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 2200 pF, /-10% Tol, 0612, 200 V, X7R
CA064X102K2RACAUTO KEMET-CA064X102K2RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 1000 pF, /-10% Tol, 0612, 200 V, X7R
CA064X153K1RACAUTO KEMET-CA064X153K1RACAUTO Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Auto Grade, 0.015 uF, /-10% Tol, 0612, 100 V, X7R
CA064X103K1RACTU KEMET-CA064X103K1RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 0.01 uF, /-10% Tol, 0612, 100 V, X7R
CA064X222K2RACTU KEMET-CA064X222K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 2200 pF, /-10% Tol, 0612, 200 V, X7R
CA064X332K2RACTU KEMET-CA064X332K2RACTU Datasheet
75Kb / 1P
   Capacitor, ceramic, SMD, MLCC, Array, Flex Termination, Class II, 3300 pF, /-10% Tol, 0612, 200 V, X7R
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com