công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STL20NF06LAG bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STL20NF06LAG
Giải thích chi tiết về linh kiện  Automotive-grade N-channel 60 V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20NF06LAG bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STL20NF06LAG Datasheet HTML 1Page - STMicroelectronics STL20NF06LAG Datasheet HTML 2Page - STMicroelectronics STL20NF06LAG Datasheet HTML 3Page - STMicroelectronics STL20NF06LAG Datasheet HTML 4Page - STMicroelectronics STL20NF06LAG Datasheet HTML 5Page - STMicroelectronics STL20NF06LAG Datasheet HTML 6Page - STMicroelectronics STL20NF06LAG Datasheet HTML 7Page - STMicroelectronics STL20NF06LAG Datasheet HTML 8Page - STMicroelectronics STL20NF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL20NF06LAG
4/14
DocID028240 Rev 1
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 5: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 250 µA
60
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 60 V
1
µA
VGS = 0 V, VDS = 60 V,
TC = 125 °C
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 4 A
27
40
VGS = 5 V, ID = 4 A
32
50
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
670
-
pF
Coss
Output capacitance
-
170
-
Crss
Reverse transfer capacitance
-
56
-
Qg
Total gate charge
VDD = 25 V, ID = 7.4 A,
VGS = 10 V (see Figure 15:
"Gate charge test circuit")
-
22.5
-
nC
Qgs
Gate-source charge
-
2.5
-
Qgd
Gate-drain charge
-
7
-
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 3.7 A
RG = 4.7
Ω, VGS = 10 V
(see Figure 14: "Switching
times test circuit for
resistive load" and Figure
19: "Switching time
waveform")
-
7
-
ns
tr
Rise time
-
15.4
-
td(off)
Turn-off delay time
-
36.8
-
tf
Fall time
-
7.7
-


Số phần tương tự - STL20NF06LAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
   N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
December 2009
More results

Mô tả tương tự - STL20NF06LAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STL20DNF06LAG STMICROELECTRONICS-STL20DNF06LAG Datasheet
972Kb / 15P
   Automotive-grade dual N-channel 60 V
September 2015 Rev 1
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
   Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
March 2016
STL135N8F7AG STMICROELECTRONICS-STL135N8F7AG Datasheet
1,003Kb / 14P
   Automotive-grade N-channel 80 V
January 2016 Rev 3
STW22N95K5 STMICROELECTRONICS-STW22N95K5 Datasheet
884Kb / 14P
   Automotive-grade N-channel 950 V
March 2014 Rev 3
logo
Vishay Siliconix
SQD40N06-14L-GE3 VISHAY-SQD40N06-14L-GE3 Datasheet
160Kb / 9P
   Automotive N-Channel 60 V (D-S)
Rev. B, 30-Jul-12
SQ7414AEN VISHAY-SQ7414AEN Datasheet
642Kb / 15P
   Automotive N-Channel 60 V (D-S) MOSFET
Rev. C, 17-Aug-15
logo
Renesas Technology Corp
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com