công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICE1PD265G bảng dữ liệu(PDF) 1 Page - Infineon Technologies AG

tên linh kiện ICE1PD265G
Giải thích chi tiết về linh kiện  Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE1PD265G bảng dữ liệu(HTML) 1 Page - Infineon Technologies AG

  ICE1PD265G Datasheet HTML 1Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 2Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 3Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 4Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 5Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 6Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 7Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 8Page - Infineon Technologies AG ICE1PD265G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Infineon Technologies
preliminary
ICE1PD265G
Infineon Tech
PCI Group
10.09.01
1
GND
AC
RF-Filter
and
Rectifier
DC
Output
Voltage
ICE
1PD265G
CoolMOS
Controller
Power
Factor Controller + Cool-
MOS: BoostSET
IC for High Power Factor and
low THD
=IC for sinusoidal line-current consumption
=Controller and CoolMOS within one package
=P-DSO-16-10
=Power factor achieves nearly 1
= Controls boost converter as active harmonic
filter for low THD
 Start up with very low current consumption
=Zero current detector for discontinuous opera-
tion mode
 Output overvoltage protection
=Output undervoltage lockout
=Internal start up timer
=Totem pole output with active shut down
=Internal leading edge blanking LEB
=Very low comparator and multiplier offsets for
universal input applications
=High sophisticated amplifier minimizes distor-
tion inteferences caused by MOSFET switching
The ICE1PD265G IC controls a boost converter
in a way that sinusoidal current is taken from
the single phase line supply and stabilized DC
voltage is available at the output. CoolMOS and
controller are placed together in one package.
This active harmonic filter limits the harmonic
currents resulting from the capacitor pulsed
charge currents during rectification. The power
factor which descibes the ratio between active
and apparent power is almost one. Line voltage
fluctuations can be compensated very effi-
ciently
Type
Ordering Code
Package
ICE1PD265G
P-DSO-16-10


Số phần tương tự - ICE1PD265G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS01G INFINEON-ICE1PCS01G Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS01G INFINEON-ICE1PCS01G Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
More results

Mô tả tương tự - ICE1PD265G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com