công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STBP112-DUDJ6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STBP112-DUDJ6F
Giải thích chi tiết về linh kiện  Overvoltage protection device
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-DUDJ6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STBP112-DUDJ6F Datasheet HTML 6Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 7Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 8Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 9Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 10Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 11Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 12Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 13Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Operation
STBP112
10/38
Doc ID 023357 Rev 3
3
Operation
The STBP112 provides overvoltage protection for positive input voltage up to 28 V using
a built-in low RDS(on) N-channel MOSFET switch.
3.1
Power-up
At power-up, with EN = low, the MOSFET switch is turned on after the startup delay, ton,
after the input voltage exceeds the UVLO threshold to ensure the input voltage is stabilized
(see Figure 5).
3.2
Normal operation
The device continuously monitors the input voltage and its own internal temperature so the
output voltage is kept within the specified range. The internal MOSFET switch is turned on
and the FLT output is deasserted.
The STBP112 enters normal operation state if the input voltage returns to the interval
between VUVLO and VOVLO - VHYS(OVLO) and the junction temperature falls below Toff -
THYS(off). The internal MOSFET is turned on after the trec delay to ensure that the conditions
have stabilized and the FLT output is deasserted.
Note:
The STBP112 MOSFET switch topology allows the current to flow also in a reverse
direction, i.e. from OUT to IN, which can be useful for powering external peripherals from the
system connector (see the supply current in Figure 4). At first, the current flows through the
MOSFET body diode. If the voltage that appears on the IN terminal is above the UVLO
threshold, the MOSFET is (after the startup delay) turned on so the voltage drop across
STBP112 is significantly reduced.
If the reverse current is undesirable, it may be prevented by connecting an external, properly
rated low drop Schottky diode in series with the OUT pin. The voltage drop between IN and
charger is increased by the voltage drop across the diode.
3.3
Undervoltage lockout (UVLO)
To ensure proper operation under any condition, the STBP112 has an undervoltage lockout
(UVLO) threshold. When the input voltage is rising, the output remains disconnected from
input until the VIN voltage exceeds the VUVLO threshold. This circuit is equipped with
hysteresis, VHYS(UVLO), to improve noise immunity under transient conditions.
3.4
Overvoltage lockout (OVLO)
If the input voltage VIN rises above the threshold level VOVLO, the MOSFET switch is
immediately turned off. At the same time, the fault indication output FLT is activated
(i.e. driven low), see Figure 6. This device is equipped with hysteresis, VHYS(OVLO), to
improve noise immunity under transient conditions.


Số phần tương tự - STBP112-DUDJ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110ATDJ6F STMICROELECTRONICS-STBP110ATDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AUDJ6F STMICROELECTRONICS-STBP110AUDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110AVDJ6F STMICROELECTRONICS-STBP110AVDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP110BTDJ6F STMICROELECTRONICS-STBP110BTDJ6F Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
More results

Mô tả tương tự - STBP112-DUDJ6F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
   Overvoltage protection device with thermal shutdown
logo
Tyco Electronics
ROV10 MACOM-ROV10 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com