công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25TA512 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện ST25TA512
Giải thích chi tiết về linh kiện  NFC Forum Type 4 Tag IC with 512 bits EEPROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 7Page - STMicroelectronics ST25TA512 Datasheet HTML 8Page - STMicroelectronics ST25TA512 Datasheet HTML 9Page - STMicroelectronics ST25TA512 Datasheet HTML 10Page - STMicroelectronics ST25TA512 Datasheet HTML 11Page - STMicroelectronics ST25TA512 Datasheet HTML 12Page - STMicroelectronics ST25TA512 Datasheet HTML 13Page - STMicroelectronics ST25TA512 Datasheet HTML 14Page - STMicroelectronics ST25TA512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DocID027776 Rev 1
11/50
ST25TA512
ST25TA512 memory management
3
ST25TA512 memory management
3.1
Memory structure
The ST25TA512 supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The ST25TA512 is composed of three files:
One Capability Container file
One NDEF file
One System file: this file is an ST-proprietary file
The System file contains some information on the configuration of the ST25TA512 device.
The CC file gives some information about the ST25TA512 itself and the NDEF file. The
NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the ST25TA512 and the NDEF file. This file is a
read-only file for the RF host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF host by issuing
a specific process (refer to Section 7: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file
Table 4. CC file layout for 1 NDEF file
File offset
Meaning
Value
Comments
0x0000
Length CC file
0x000F
15 bytes
0x0002
Mapping version(1)
0x20 or 0x10
V 2.0 or V 1.0
0x0003
Maximum number of bytes that can be read
0x0040
64 bytes
0x0005
Maximum number of bytes that can be written 0x0036
54 bytes


Số phần tương tự - ST25TA512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
ST25TA02K-PC6C5 STMICROELECTRONICS-ST25TA02K-PC6C5 Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
More results

Mô tả tương tự - ST25TA512

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 512 bits EEPROM
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
   NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
   NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
   Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I짼C interface
February 2017 Rev 10
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
   NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
   NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com