công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCC bảng dữ liệu(PDF) 2 Page - XP Power Limited

tên linh kiện MCC
Giải thích chi tiết về linh kiện  400 W Regulated Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MCC bảng dữ liệu(HTML) 2 Page - XP Power Limited

  MCC Datasheet HTML 1Page - XP Power Limited MCC Datasheet HTML 2Page - XP Power Limited MCC Datasheet HTML 3Page - XP Power Limited MCC Datasheet HTML 4Page - XP Power Limited MCC Datasheet HTML 5Page - XP Power Limited MCC Datasheet HTML 6Page - XP Power Limited MCC Datasheet HTML 7Page - XP Power Limited MCC Datasheet HTML 8Page - XP Power Limited MCC Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
xppower.com
2
General Specifications
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
18.5
28
34
VDC
Input Current
27
38
A
At 18.5 V 400 W and 600 W respectively
Inrush Current
<60
A
UVLO
<18
VDC
Reverse Voltage Protection
Internally provided
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
75
%
Isolation
500
VDC
Input to output, output to chassis, input
to chassis
Inhibited Current
5
mA
When input inhibit is used
Input Inhibit
Global enable and disable function on Input CN1 connector, short to input ground to inhibit (see control signal section)
Output Inhibit
Each regulated output has independent inhibit, TTL high to inhibit (see control signal section)
DC OK Signal
Optional on output voltages
≥5 VDC Isolated opto-coupler transistor output
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Case Temperature
-40
+90
ºC
Baseplate temperature
Extended Temperature Range
-55
+100
ºC
Baseplate temperature(1)
Storage Temperature
-55
+90
ºC
Humidity
20
95
%
Non condensing
Shock
40
g
MIL-STD 810F, Method 516.5-1
Vibration
Minimum integrity test for military equipment
MIL-STD 810F, Method 514.5C-17
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
2
48
VDC
O/P 1 to 4
Output Voltage Adjustment
-60
+10
%
O/P 1 to 4, factory adjustable for trimming
below 90 %, a min load of 10% is required
Auxiliary Output Voltage
V
Vin - 2 VDC minimum, 36 VDC (clamped)
maximum
Auxiliary Output Power
200
W
For MCC600, 9 A max
Maximum Auxiliary Output
<36
VDC
Vout clamped
Minimum Load
No minimum load
Output ripple increases at Pout <10%
Pout max
Line Regulation
<1 %
Load Regulation
<1 %
Output Set Tolerance
±100 mV
Hold Up
1 ms 200 W at 28 VDC I/P
0.5 ms 400 W at 28 VDC I/P
For external hold up see calculations
Ripple and Noise
50 mV
1 %
Pk-pk, which is greater, at 20 MHz bandwidth
Temperature Coefficient
±0.05
% / ºC
Overvoltage Protection
110
120
%
Vout nominal, recycle input to restart
Overcurrent Protection
110
120
%
I out nominal, auto recovery
Short Circuit Protection
Continuous with auto restart
Overtemperature Protection
>90
ºC
Baseplate temperature with auto restart
Remote Sense
0.5
VDC
O/P 1 and 2 only
Low Noise Output
25
45
mV
Reduction for O/P 1 and 2
Reduction for O/P 3 and 4
1. For -55 şC to +100 şC extended operating range, use suffix E in the part number. See model numbering system.


Số phần tương tự - MCC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCC-12 ETC2-MCC-12 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-13 ETC2-MCC-13 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-15 ETC2-MCC-15 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-17 ETC2-MCC-17 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-3 ETC2-MCC-3 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
More results

Mô tả tương tự - MCC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PEAK electronics GmbH
PB10FG-1205Z21 PEAK-PB10FG-1205Z21 Datasheet
216Kb / 2P
   1KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205E21H30 PEAK-PB10FG-1205E21H30 Datasheet
215Kb / 2P
   3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com