công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCC bảng dữ liệu(PDF) 1 Page - XP Power Limited

tên linh kiện MCC
Giải thích chi tiết về linh kiện  400 W Regulated Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MCC bảng dữ liệu(HTML) 1 Page - XP Power Limited

  MCC Datasheet HTML 1Page - XP Power Limited MCC Datasheet HTML 2Page - XP Power Limited MCC Datasheet HTML 3Page - XP Power Limited MCC Datasheet HTML 4Page - XP Power Limited MCC Datasheet HTML 5Page - XP Power Limited MCC Datasheet HTML 6Page - XP Power Limited MCC Datasheet HTML 7Page - XP Power Limited MCC Datasheet HTML 8Page - XP Power Limited MCC Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MCC Series
The 28 V in MCC family of power systems is a new class of configurable, modular power solutions orientated to the most demanding
military applications. It incorporates active and passive filtering and congifurable outputs complying with MIL-STD-1275,
MIL-STD-461, DEF-STAN 59-411 and DEF-STAN 61-5
Supplies can be specified with 1 x 400 W, 2 x 200 W, 1 x 200 W + 2 x 100 W and 4 x 100 W outputs with voltages as low as 2 VDC
to as high as 48 VDC. In addition the wide trim range can provide output voltages from 500 mV to 52.8 V.
The MCC is conduction cooled and relies on the use of an external heat sink. The MCC provides a low profile and rugged mechanical
construction which complies with MIL-STD-810F.
400 W Regulated Output
Optional 200 W Non-regulated Conditioned Rail
1 to 4 Configurable Outputs
MIL-STD-1275 and DEF-STAN 61-5
MIL-STD-461 and DEF-STAN 59-411
Low Profile
Rugged Construction Meets MIL-STD-810F
3 Year Warranty


Số phần tương tự - MCC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCC-12 ETC2-MCC-12 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-13 ETC2-MCC-13 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-15 ETC2-MCC-15 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-17 ETC2-MCC-17 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
MCC-3 ETC2-MCC-3 Datasheet
89Kb / 1P
   The cable can be grounded and fixed with one part
More results

Mô tả tương tự - MCC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PEAK electronics GmbH
PB10FG-1205Z21 PEAK-PB10FG-1205Z21 Datasheet
216Kb / 2P
   1KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3Z21H30 PEAK-PB42WG-123R3Z21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
   3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205E21H30 PEAK-PB10FG-1205E21H30 Datasheet
215Kb / 2P
   3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com