công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0356SQX-40 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LMH0356SQX-40
Giải thích chi tiết về linh kiện  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356SQX-40 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMH0356SQX-40 Datasheet HTML 4Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 5Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 6Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 7Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 8Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 9Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 10Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 11Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LMH0356
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Typical values are stated for: VCC = 3.3 V, TA = 25°C.
(2)
Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars.
(3)
This parameter is ensured by characterization over voltage and temperature limits.
(4)
Refer to A1 in Figure 1 of SMPTE RP 184-1996.
(5)
Refer to A2 in Figure 1 of SMPTE RP 184-1996.
(6)
PRBS 210– 1, input jitter = 31 psP-P.
(7)
PRBS 210– 1, input jitter = 24 psP-P.
(8)
PRBS 210– 1, input jitter = 22 psP-P.
7.6 AC Electrical Characteristics
over supply voltage and recommended operating temperature ranges (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BRSD
Serial data rate
ST-259
270
Mbps
BRSD
Serial data rate
ST-292
1483, 1485
Mbps
BRSD
Serial data rate
ST-424
2967, 2970
Mbps
TOLJIT
Serial input jitter tolerance 270 Mbps(2)(3)(4)
>6
UIP-P
TOLJIT
Serial input jitter tolerance 270 Mbps(2)(3)(5)
>0.6
UIP-P
TOLJIT
Serial input jitter tolerance 1483 or 1485 Mbps(2)(3)(4)
>6
UIP-P
TOLJIT
Serial input jitter tolerance 1483 or 1485 Mbps(2)(3)(5)
>0.6
UIP-P
TOLJIT
Serial input jitter tolerance 2967 or 2970 Mbps(2)(3)(4)
>6
UIP-P
TOLJIT
Serial input jitter tolerance 2967 or 2970 Mbps
(2) (3) (5)
>0.6
UIP-P
tJIT
Serial data output jitter
270 Mbps(3)(6)
0.01
0.03
UIP-P
tJIT
Serial data output jitter
1483 or 1485 Mbps(3)(7)
0.04
0.05
UIP-P
tJIT
Serial data output jitter
2967 or 2970 Mbps(3)(8)
0.08
0.09
UIP-P
BWLOOP
Loop bandwidth
270-Mbps,
<0.1-dB Peaking
275
kHz
1485-Mbps,
<0.1-dB Peaking
1.5
MHz
2970 Mbps,
<0.1-dB Peaking
2.75
MHz
FCO
Serial clock output
frequency
270-Mbps data rate
270
MHz
FCO
Serial clock output
frequency
1483-Mbps data rate
1483
MHz
FCO
Serial clock output
frequency
1485-Mbps data rate
1485
MHz
FCO
Serial clock output
frequency
2967-Mbps data rate
2967
MHz
FCO
Serial clock output
frequency
2970-Mbps data rate
2970
MHz
tJIT
Serial Clock Output Jitter
2
3
psRMS
SCALG
Serial clock output
alignment with respect to
data interval
See (3)
40%
60%
SCODC
Serial clock output duty
cycle
See (3)
45%
55%
FREF
Reference clock
frequency
27
MHz
FTOL
Reference clock
frequency tolerance
±50
ppm


Số phần tương tự - LMH0356SQX-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Mô tả tương tự - LMH0356SQX-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com