công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH1218RTWT bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH1218RTWT
Giải thích chi tiết về linh kiện  Low Power Ultra HD Cable Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1218RTWT bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LMH1218RTWT Datasheet HTML 3Page - Texas Instruments LMH1218RTWT Datasheet HTML 4Page - Texas Instruments LMH1218RTWT Datasheet HTML 5Page - Texas Instruments LMH1218RTWT Datasheet HTML 6Page - Texas Instruments LMH1218RTWT Datasheet HTML 7Page - Texas Instruments LMH1218RTWT Datasheet HTML 8Page - Texas Instruments LMH1218RTWT Datasheet HTML 9Page - Texas Instruments LMH1218RTWT Datasheet HTML 10Page - Texas Instruments LMH1218RTWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
LMH1218
www.ti.com
SNLS474B – FEBRUARY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LMH1218
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
No heat sink is assumed for these estimations. Depending on the application, a heat sink, faster air flow, and/or reduced ambient
temperature ( < 85ºC) may be required in order to maintain the maximum junction temperature specified in Electrical Characteristics.
6.4 Thermal Information
THERMAL METRIC(1)(2)
RTWA0024A
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
34
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.4
RθJB
Junction-to-board thermal resistance
11.8
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
11.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
6.5 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PD
Power dissipation
Locked 75
Ω OUT0 only
(800 mVpp), EOM
powered down
300
mW
Locked OUT1 only (600
mVpp, diff), EOM powered
down
195
mW
Transient power during
CDR lock acquisition, 75
Ω
OUT0 and OUT1 powered
up, EOM powered down
400
500
mW
PD_RAW
Power dissipation in force
RAW mode (CDR bypass)
EQ bypass, OUT0
720mVpp, OUT1 600mVpp
IN0 to OUT0 and OUT1 or
IN1 to OUT0 and OUT1
195
mW
IN0 to OUT0, OUT1
powered down
160
mW
IN1 to OUT1, OUT0
powered down
80
mW
4-LEVEL INPUT and 2.5 V LVCMOS DC SPECIFICATIONS
VIH
High level input voltage
4-level input (MODE_SEL,
ADDR0/1, ENABLE pins)
0.95*VDD
V
VIF
Float level input voltage
4-level input (MODE_SEL,
ADDR0/1, ENABLE pins)
0.67*VDD
V
VI20K
20K to GND input voltage
4-level input (MODE_SEL,
ADDR0/1, ENABLE pins)
0.33*VDD
V
VIL
Low level input voltage
4-level input (MODE_SEL,
ADDR0/1, ENABLE pins)
0.1
V
VOH
High level output voltage
IOH = -3 mA
2
V
VOL
Low level output voltage
IOL = 3 mA
0.4
V
IIH
Input high leakage current
Vinput = VDD
SPI Mode: LVCMOS
(SPI_SCK, SPI_SS_N)
pins
15
µA
SMBus Mode: LVCMOS
(SMB_SDA, SMB_SCL)
pins
15
µA
SMBus Mode: 4-Levels
(ADDR0, ADDR1) pins
20
44
80
µA
4-Levels (MODE_SEL,
ENABLE) pins
20
44
80
µA


Số phần tương tự - LMH1218RTWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1219RTWR TI1-LMH1219RTWR Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1219RTWT TI1-LMH1219RTWT Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
More results

Mô tả tương tự - LMH1218RTWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Asahi Kasei Microsystem...
AK4711 AKM-AK4711 Datasheet
403Kb / 34P
   Low Power Single SCART Driver with HD
logo
Fujitsu Component Limit...
MB86H55_H56E FUJITSU-MB86H55_H56E Datasheet
965Kb / 1P
   Ultra Low Power Full HD H.264 Codec
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS1679 GENNUM-GS1679 Datasheet
739Kb / 16P
   Cable Driver with HD/SD Capability
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com