công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0356SQE-40 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMH0356SQE-40
Giải thích chi tiết về linh kiện  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356SQE-40 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMH0356SQE-40 Datasheet HTML 1Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 2Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 3Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 4Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 5Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 6Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 7Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 8Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RETIMER / FIFO
VCO / PLL
SDI0
LOCK DETECT
SDO
CONTROL LOGIC
AUTO BYPASS
BYPASS/
O/P MUTE
RATE0
RATE1
50
50
XTAL IN/EXT CLK
XTAL OUT
LOOP FILTER 1
LOOP FILTER 2
SCO_EN
SCO/SDO2
BYPASS
SDI0
SDO
50
50
VCCO
SD/ HD
VCCO
SCO/SDO2
SDI1
SDI1
SDI2
SDI2
SDI3
SDI3
SEL0
SEL1
ENABLE
EQUALIZER
EQUALIZER
EQUALIZER
EQUALIZER
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH0356
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
LMH0356 3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
1
1 Features
1
Supports SMPTE ST-424, ST-292, and ST-259
Serial Digital Video Standards
Supports 270-Mbps, 1.483-Gbps, 1.485-Gbps,
2.967-Gbps, and 2.97-Gbps Serial Data Rate
Operation
Supports DVB-ASI at 270 Mbps
Single 3.3-V Supply Operation
430-mW Typical Power Consumption
Integrated 4:1 Multiplexed Input
0 to 30-inch FR4 Equalizer on Each Multiplexed
Input
Two Differential, Reclocked Outputs
Choice of Second Reclocked Output or
Recovered Clock Output
Single 27-MHz External Crystal or Reference
Clock Input
Manual Rate Select Input
SD/HD Operating Rate Indicator Output
Lock Detect Indicator Output
Output Mute Function for Data and Clock
Auto/Manual Reclocker Bypass
Power Saver Mode With Device Power-Down
Control (10-mW Typical Power Consumption in
Disabled State)
Differential LVPECL-Compatible Serial Data
Inputs and Outputs
LVCMOS Control Inputs and Indicator Outputs
48-Pin WQFN or 40-Pin WQFN Package
Industrial Temperature Range: –40°C to 85°C
48-Pin WQFN Version Footprint-Compatible with
the LMH0056 and LMH0036
2 Applications
SDTV/HDTV and 3-Gbps Serial Digital Video
Interfaces for:
Digital Video Routers and Switchers
Digital Video Processing and Editing
Equipment
DVB-ASI Equipment
Video Standards and Format Converters
3 Description
The LMH0356 3-Gbps HD/SD SDI Reclocker with 4:1
Input Mux and FR4 EQs retimes serial digital video
data conforming to the SMPTE ST-424, ST-292, and
ST-259 standards. The LMH0356 operates at serial
data rates of 270 Mbps, 1.483 Gbps, 1.485 Gbps,
2.967 Gbps, and 2.97 Gbps. The LMH0356 supports
DVB-ASI operation at 270 Mbps. The LMH0356
includes an integrated 4:1 input multiplexer for
selecting one of four input data streams for retiming.
In addition, the four inputs of the LMH0356 each have
an FR4 equalizer capable of equalizing 0 to 30 inches
of FR4 trace length.
The LMH0356 automatically detects the incoming
data rate and adjusts itself to retime the incoming
data to suppress accumulated jitter. The LMH0356
recovers the serial data-rate clock and optionally
provides it as an output. The LMH0356 has two
differential serial data outputs; the second output may
be selected as a low-jitter, data-rate clock output.
Controls and indicators are: serial clock or second
serial data output select, manual rate select input,
SD/HD rate indicator output, lock detect output,
auto/manual data bypass, output mute, and device
enable. The serial data inputs, outputs, and serial
clock outputs are differential LVPECL compatible.
The CML serial data and serial clock outputs are
suitable for driving 100-
Ω differentially terminated
networks. The control logic inputs and outputs are
LVCMOS compatible.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH0356
WQFN (40)
5.00 mm x 5.00 mm
WQFN (48)
7.00 mm x 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Số phần tương tự - LMH0356SQE-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Mô tả tương tự - LMH0356SQE-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com