công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH0356SQE-40 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LMH0356SQE-40
Giải thích chi tiết về linh kiện  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356SQE-40 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LMH0356SQE-40 Datasheet HTML 5Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 6Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 7Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 8Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 9Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 10Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 11Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 12Page - Texas Instruments LMH0356SQE-40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SDI
270 MBPS DATA
NO DATA
T2
1485 MBPS DATA
2970 MBPS DATA
270 MBPS DATA
T1
TACQ
T2
T2
SDI
270 MBPS DATA
NO DATA
Lock
Dete
ct
SD/HD
T2
NO DATA
1485 MBPS DATA
NO DATA
T2
Lock
Dete
ct
SD/HD
T1
TACQ
T1
TACQ
TACQ
T1
TACQ
T1
T1
TACQ
T1
T1
9
LMH0356
www.ti.com
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Measured from first SDI transition until Lock Detect output goes high (true).
(2)
This specification is ensured by design.
(3)
RL = 100-Ω differential.
(4)
This parameter is ensured by characterization over voltage and temperature limits.
7.7 AC Timing Requirements
MIN
NOM
MAX
UNIT
TACQ
Acquisition time
See (1)
15
ms
tr, tf
Logic inputs rise/fall time
10%–90%
1.5
ns
tr, tf
Input rise/fall time
20%–80%, 270 Mbps (2)
1500
ps
tr, tf
Input rise/fall time
20%–80%, 1483 or 1485 Mbps (2)
270
ps
tr, tf
Input rise/fall time
20%–80%, 2967 or 2970 Mbps (2)
135
ps
tr, tf
Logic outputs rise/fall time
10%–90%
1.5
ns
tr, tf
Output rise/fall time
20%–80% (3) (4)
90
130
ps
TACQ = Acquisition Time, defined in AC Timing Requirements
T1 = Time from Lock Detect assertion or deassertion until SD/HD output is valid, typically 37 ns (one 27-MHz clock
period)
T2 = Time from SDI input change until Lock Detect deassertion, 1 ms maximum. SD/HD output is not valid during this
time.
Figure 1. SDI, Lock Detect, and SD/HD Timing


Số phần tương tự - LMH0356SQE-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Mô tả tương tự - LMH0356SQE-40

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com