công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH1218 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH1218
Giải thích chi tiết về linh kiện  Low Power Ultra HD Cable Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH1218 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMH1218 Datasheet HTML 6Page - Texas Instruments LMH1218 Datasheet HTML 7Page - Texas Instruments LMH1218 Datasheet HTML 8Page - Texas Instruments LMH1218 Datasheet HTML 9Page - Texas Instruments LMH1218 Datasheet HTML 10Page - Texas Instruments LMH1218 Datasheet HTML 11Page - Texas Instruments LMH1218 Datasheet HTML 12Page - Texas Instruments LMH1218 Datasheet HTML 13Page - Texas Instruments LMH1218 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
LMH1218
SNLS474B – FEBRUARY 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMH1218
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
Output return loss is dependent on board design, this is measured with the LMH1218EVM evaluation board
(7)
Measure with the device powered up and outputs a clock signal.
TR_F_OUT0
Output rise/fall time,
PRBS10(3)(4)
11.88 Gbps
35
45
ps
5.94 Gbps
35
45
ps
2.97 Gbps
35
45
ps
1.485 Gbps
35
45
ps
270 Mbps
400
950
1500
ps
TR_F_OUT0_delta
Output rise/fall time
mismatch(3)(4)
11.88 Gbps
3
18
ps
5.94 Gbps
3
18
ps
2.97 Gbps
3
18
ps
1.485 Gbps
3
18
ps
270 Mbps
72
500
ps
VOVR_UDR_SHOOT
Output overshoot,
undershoot(3) (4)
12G/6G/3G/HD/SD
Measured with 8T pattern
2.4%
3.4%
VDC_OFFSET
DC offset(3)
12G/6G/3G/HD/SD
±0.2
V
VDC_WANDER
DC wander(3)
12G/6G/3G/HD/SD EQ
Pathological
20
mV
RLOUT0_S22
OUT0 single ended 75-
return loss(3)(4)(6)
S22 5 MHz to 1.485 GHz
< -15
dB
S22 1.485 GHz to 3 GHz
< -10
dB
S22 3 GHz to 6 GHz
< -7
dB
S22 6 GHz to 12 GHz
< -4
dB
RLOUT1_SDD22
OUT1 differential 100-
return loss(3)(4)(7)
SDD22 10 MHz - 2 GHz
-20
dB
SDD22 2 GHz - 6 GHz
-17
dB
SDD22 6 GHz - 11.1 GHz
-14
dB
RLOUT1_SCC22
OUT1 common mode 50-
Ω return loss(3)(4)(7)
SCC22 10 MHz - 4.75
GHz
-11
dB
SCC22 4.75 GHz - 11.1
GHz
-12
dB
VVCM_OUT1_NOISE
AC common mode voltage
noise(3)(4)
VOD = 0.6 Vpp, DE = 0dB,
PRBS31, 10.3125 Gbps
8
mVRMS
TRCK_LATENCY
Latency reclocked
Reclocked Data
1.5 UI +195
ps
TRAW_LATENCY
Latency CDR bypass
Raw Data
230
ps
TRANSMIT OUTPUT JITTER SPECIFICATIONS
AJ_OUT0
Alignment jitter(3)(4)
OUT0, PRBS15, 11.88
Gbps
0.18
UI
TJ_OUT1
Total jitter (1E-12)(3)(4)
OUT1, PRBS15 10.3125
Gbps
0.12
UI
RJ_OUT1
Random jitter (rms)
OUT1, PRBS15, 10.3125
Gbps
0.38
psRMS
DJ_OUT1
Deterministic jitter
OUT1, PRBS15, 10.3125
Gbps
7
psP-P
DJ_OUT1_RAW
Deterministic jitter
OUT1, RAW MODE (CDR
bypass)
PRBS15, 11.88 Gbps, 35
inch FR4 trace, EQ=0x95,
VID = 800mVpp
25
psP-P
CLOCK DATA RECOVERY


Số phần tương tự - LMH1218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH1219 TI1-LMH1219 Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1219RTWR TI1-LMH1219RTWR Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
LMH1219RTWT TI1-LMH1219RTWT Datasheet
722Kb / 9P
[Old version datasheet]   Low Power 12G UHD Adaptive Cable Equalizer with Integrated Reclocker
More results

Mô tả tương tự - LMH1218

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Asahi Kasei Microsystem...
AK4711 AKM-AK4711 Datasheet
403Kb / 34P
   Low Power Single SCART Driver with HD
logo
Fujitsu Component Limit...
MB86H55_H56E FUJITSU-MB86H55_H56E Datasheet
965Kb / 1P
   Ultra Low Power Full HD H.264 Codec
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS1679 GENNUM-GS1679 Datasheet
739Kb / 16P
   Cable Driver with HD/SD Capability
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com