công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH0356SQ-40 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
LMH0356SQ-40 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 28 page 8 LMH0356 SNLS270L – AUGUST 2007 – REVISED JANUARY 2016 www.ti.com Product Folder Links: LMH0356 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated (1) Typical values are stated for: VCC = 3.3 V, TA = 25°C. (2) Peak-to-peak amplitude with sinusoidal modulation per SMPTE RP 184-1996 paragraph 4.1. The test data signal shall be color bars. (3) This parameter is ensured by characterization over voltage and temperature limits. (4) Refer to A1 in Figure 1 of SMPTE RP 184-1996. (5) Refer to A2 in Figure 1 of SMPTE RP 184-1996. (6) PRBS 210– 1, input jitter = 31 psP-P. (7) PRBS 210– 1, input jitter = 24 psP-P. (8) PRBS 210– 1, input jitter = 22 psP-P. 7.6 AC Electrical Characteristics over supply voltage and recommended operating temperature ranges (unless otherwise noted) (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT BRSD Serial data rate ST-259 270 Mbps BRSD Serial data rate ST-292 1483, 1485 Mbps BRSD Serial data rate ST-424 2967, 2970 Mbps TOLJIT Serial input jitter tolerance 270 Mbps(2)(3)(4) >6 UIP-P TOLJIT Serial input jitter tolerance 270 Mbps(2)(3)(5) >0.6 UIP-P TOLJIT Serial input jitter tolerance 1483 or 1485 Mbps(2)(3)(4) >6 UIP-P TOLJIT Serial input jitter tolerance 1483 or 1485 Mbps(2)(3)(5) >0.6 UIP-P TOLJIT Serial input jitter tolerance 2967 or 2970 Mbps(2)(3)(4) >6 UIP-P TOLJIT Serial input jitter tolerance 2967 or 2970 Mbps (2) (3) (5) >0.6 UIP-P tJIT Serial data output jitter 270 Mbps(3)(6) 0.01 0.03 UIP-P tJIT Serial data output jitter 1483 or 1485 Mbps(3)(7) 0.04 0.05 UIP-P tJIT Serial data output jitter 2967 or 2970 Mbps(3)(8) 0.08 0.09 UIP-P BWLOOP Loop bandwidth 270-Mbps, <0.1-dB Peaking 275 kHz 1485-Mbps, <0.1-dB Peaking 1.5 MHz 2970 Mbps, <0.1-dB Peaking 2.75 MHz FCO Serial clock output frequency 270-Mbps data rate 270 MHz FCO Serial clock output frequency 1483-Mbps data rate 1483 MHz FCO Serial clock output frequency 1485-Mbps data rate 1485 MHz FCO Serial clock output frequency 2967-Mbps data rate 2967 MHz FCO Serial clock output frequency 2970-Mbps data rate 2970 MHz tJIT Serial Clock Output Jitter 2 3 psRMS SCALG Serial clock output alignment with respect to data interval See (3) 40% 60% SCODC Serial clock output duty cycle See (3) 45% 55% FREF Reference clock frequency 27 MHz FTOL Reference clock frequency tolerance ±50 ppm |
Số phần tương tự - LMH0356SQ-40 |
|
Mô tả tương tự - LMH0356SQ-40 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |