công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M93S66-W bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
M93S66-W bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
9 / 32 page M93S46-W M93S56-W M93S66-W Clock pulse counter DocID5124 Rev 7 9/32 4 Clock pulse counter In a noisy environment, the number of pulses received on Serial Clock (C) may be greater than the number delivered by the Bus Master (the micro- controller). This can lead to a misalignment of the instruction of one or more bits (as shown in Figure 3: "Write sequence with one clock glitch".) and may lead to the writing of erroneous data at an erroneous address. To combat this problem, the M93Sx6 has an on-chip counter that counts the clock pulses from the start bit until the falling edge of the Chip Select Input (S). If the number of clock pulses received is not the number expected, the WRITE, PAWRITE, WRALL, PRWRITE or PRCLEAR instruction isaborted, and the contents of the memory are not modified. The number of clock cycles expected for each in- struction, and for each member of the M93Sx6 family, are summarized in Table 2: "Instruction set for the M93S46" and Table 3: "Instruction set for the M93S66, M93S56". For example, a Write Data to Memory (WRITE) instruction on the M93S56 (or M93S66) expects 27 clock cycles from the start bit to the falling edge of Chip Select Input (S). That is: 1 Start bit + 2 Op-code bits + 8 Address bits + 16 Data bits Figure 3: Write sequence with one clock glitch AI01395B S An-1 C D WRITE START D0 "1" "0" An Glitch An-2 ADDRESS AND DATA ARE SHIFTED BY ONE BIT |
Số phần tương tự - M93S66-W |
|
Mô tả tương tự - M93S66-W |