công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ657F bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACTQ657F
Giải thích chi tiết về linh kiện  Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ657F bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ACTQ657F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 9Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
(Note 6)
54ACTQ
Units
T
A = −55˚C to +125˚C
C
L = 50 pF
Min
Max
t
PLH,
Propagation Delay
5.0
1.5
9.0
ns
t
PHL
A
n to Bn,Bn to An
t
PLH,
Propagation Delay
5.0
1.5
13.5
ns
t
PHL
A
n to Parity
t
PLH,
Propagation Delay
5.0
1.5
10.5
ns
t
PHL
ODD/EVEN to PARITY
t
PLH,
Propagation Delay
5.0
1.5
11.0
ns
t
PHL
ODD/EVEN to ERROR
t
PLH,
Propagation Delay
5.0
1.5
13.5
ns
t
PHL
B
n to ERROR
t
PLH,
Propagation Delay
5.0
1.5
10.5
ns
t
PHL
PARITY to ERROR
t
PZH,
Output Enable Time
5.0
1.5
11.5
ns
t
PZL
OE to A
n/Bn
t
PHZ,
Output Disable Time
5.0
1.5
9.0
ns
t
PLZ
OE to A
n/Bn
t
PZH,
Output Enable Time
5.0
1.5
11.5
ns
t
PZL
OE to ERROR (Note 7)
t
PHZ,
Output Disable Time
5.0
1.5
9.0
ns
t
PLZ
OE to ERROR
t
PZH,
Output Enable Time
5.0
1.5
11.5
ns
t
PZL
OE to PARITY
t
PHZ,
Output Disable Time
5.0
1.5
8.5
ns
t
PLZ
OE to PARITY
Note 6: Voltage Range 5.0 is 5.0V ±0.5V
Note 7: These delay times reflect the TRI-STATE recovery time only and not the signal time through the buffers or the parity check circuitry. To assure VALID infor-
mation at the ERROR pin, time must be allowed for the signal to propagate through the drivers (B to A), through the parity check circuitry (same as A to PARITY),
and to the ERROR output after the ERROR pin has been enabled (Output Enable times). VALID data at the ERROR pin
≥ (A to PARITY) + (Output Enable Time).
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = 5.0V
C
PD
Power Dissipation
160.0
pF
V
CC = 5.0V
Capacitance
www.national.com
8


Số phần tương tự - 54ACTQ657F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACTQ646 TI1-54ACTQ646 Datasheet
231Kb / 11P
[Old version datasheet]   54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
More results

Mô tả tương tự - 54ACTQ657F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
54F657 TI1-54F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com