công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ543DMQBF bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACTQ543DMQBF
Giải thích chi tiết về linh kiện  Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ543DMQBF bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ543DMQBF Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ543DMQBF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
OLP
Quiet Output
5.0
1.5
V
(Notes 6, 7)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
−1.2
V
(Notes 6, 7)
Minimum Dynamic V
OL
Note 3: Maximum of 8 outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ@ 25˚C.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). (n−1) Data Inputs are driven 0V to 3V, one output @ GND.
Note 8: Max number of Data Inputs (n) switching. (n–1) Inputs switching 0V to 3V (’ACTQ). Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD),
f = 1 MHz.
AC Electrical Characteristics
54ACTQ
Fig.
No.
V
CC
(V)
(Note 9)
T
A = −55˚C
Symbol
Parameter
to +125˚C
Units
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
t
PHL
Transparent Mode
5.0
2.0
9.5
ns
Figure 4
A
n to Bn or Bn to An
t
PLH
Propagation Delay
Figure 4
t
PHL
LEBA, LEAB
5.0
2.0
11.0
ns
to A
n,Bn
t
PZH
Output Enable Time
Figure 6
t
PZL
OEBA or OEAB to A
n or Bn
5.0
1.5
13.0
ns
CEBA or CEAB to A
n or Bn
t
PHZ
Output Disable Time
Figure 6
t
PLZ
OEBA or OEAB to A
n or Bn
5.0
1.5
9.0
ns
CEBA or CEAB to A
n or Bn
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACTQ
Fig.
No.
V
CC
(V)
(Note 10)
T
A = −55˚C
Symbol
Parameter
to +125˚C
Units
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
5.0
3.0
ns
Figure 7
A
n or Bn to LEBA or LEAB
t
h
Hold Time, HIGH or LOW
5.0
1.5
ns
Figure 7
A
n or Bn to LEBA or LEAB
t
w
Latch Enable
5.0
4.0
ns
Figure 5
Pulse Width, LOW
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
5


Số phần tương tự - 54ACTQ543DMQBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541E-QMLV NSC-54ACTQ541E-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541J-QMLV NSC-54ACTQ541J-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541W-QMLV NSC-54ACTQ541W-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Mô tả tương tự - 54ACTQ543DMQBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
   Octal Registered Transceiver with TRI-STATE짰 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com