công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM15851NKET bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM15851NKET
Giải thích chi tiết về linh kiện  Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM15851NKET bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM15851NKET Datasheet HTML 3Page - Texas Instruments LM15851NKET Datasheet HTML 4Page - Texas Instruments LM15851NKET Datasheet HTML 5Page - Texas Instruments LM15851NKET Datasheet HTML 6Page - Texas Instruments LM15851NKET Datasheet HTML 7Page - Texas Instruments LM15851NKET Datasheet HTML 8Page - Texas Instruments LM15851NKET Datasheet HTML 9Page - Texas Instruments LM15851NKET Datasheet HTML 10Page - Texas Instruments LM15851NKET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
LM15851
www.ti.com
SLAS990D – JANUARY 2014 – REVISED JULY 2015
Pin Functions (continued)
PIN
EQUIVALENT CIRCUIT
TYPE
DESCRIPTION
NAME
NO.
POWER
6
11
14
Analog 1.2 V power supply pins
VA12
17
Bypass these pins to ground using one 10-µF capacitor and two 1-µF capacitors for
bulk decoupling plus one 0.1-µF capacitor per pin for individual decoupling.
18
21
65
4
7
10
Analog 1.9 V power supply pins
13
VA19
Bypass these pins to ground using one 10-µF capacitor and two 1-µF capacitors for
24
bulk decoupling plus one 0.1-µF capacitor per pin for individual decoupling.
27
60
62
28
31
34
37
Digital 1.2 V power supply pins
40
VD12
Bypass these pins to ground using one 10-µF capacitor and two 1-µF capacitors for
43
bulk decoupling plus one 0.1-µF capacitor per pin for individual decoupling.
46
49
52
55
5
VNEG
These pins must be decoupled to ground with a 0.1-µF ceramic capacitor near
VNEG
I
each pin. These power input pins must be connected to the VNEG_OUT pin with a
12
low resistance path. The connections must be isolated from any noisy digital
signals and must also be isolated from the analog input and clock input pins.
VNEG_OUT
The voltage on this output can range from –1V to +1V. This pin must be decoupled
VNEG_OUT
29
O
to ground with a 4.7-µF, low ESL, low ESR multi-layer ceramic chip capacitor and
connected to the VNEG input pins. This voltage must be isolated from any noisy
digital signals, clocks, and the analog input.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM15851


Số phần tương tự - LM15851NKET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
More results

Mô tả tương tự - LM15851NKET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com