công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8688 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8688
Giải thích chi tiết về linh kiện  4- and 8-Channel, Single-Supply, SAR ADCs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8688 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS8688 Datasheet HTML 6Page - Texas Instruments ADS8688 Datasheet HTML 7Page - Texas Instruments ADS8688 Datasheet HTML 8Page - Texas Instruments ADS8688 Datasheet HTML 9Page - Texas Instruments ADS8688 Datasheet HTML 10Page - Texas Instruments ADS8688 Datasheet HTML 11Page - Texas Instruments ADS8688 Datasheet HTML 12Page - Texas Instruments ADS8688 Datasheet HTML 13Page - Texas Instruments ADS8688 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
ADS8684A, ADS8688A
SBAS680 – JULY 2015
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum specifications are at TA = –40°C to 125°C. Typical specifications are at TA = 25°C.
AVDD = 5 V, DVDD = 3 V, VREF = 4.096 V (internal), and fSAMPLE = 500 kSPS, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
Analog supply
4.75
5
5.25
V
B
Digital supply range
1.65
3.3
AVDD
B
DVDD
Digital power-supply voltage
V
Digital supply range for specified
2.7
3.3
5.25
B
performance
For the ADS8688; AVDD = 5 V, fS =
13
16
A
maximum and internal reference
Dynamic,
IAVDD_DYN
mA
AVDD
For the ADS8684; AVDD = 5 V, fS =
8.5
11.5
A
maximum and internal reference
For the ADS8688; AVDD = 5 V,
device not converting and internal
10
12
A
reference
IAVDD_STC
Analog supply current
Static
mA
For the ADS8684; AVDD = 5 V,
device not converting and internal
5.5
8.5
A
reference
At AVDD = 5 V, device in STDBY
ISTDBY
Standby
3
4.5
mA
A
mode and internal reference
Power-
IPWR_DN
At AVDD = 5 V, device in PWR_DN
3
20
μA
B
down
IDVDD_DYN
Digital supply current
At DVDD = 3.3 V, output = 0000h
0.5
mA
A
DIGITAL INPUTS (CMOS)
VIH
0.7 × DVDD
DVDD + 0.3
A
Digital input logic levels
V
DVDD > 2.1 V
VIL
–0.3
0.3 × DVDD
A
VIH
0.8 × DVDD
DVDD + 0.3
A
Digital input logic levels
V
DVDD
≤ 2.1 V
VIL
–0.3
0.2 × DVDD
A
Input leakage current
100
nA
A
Input pin capacitance
5
pF
C
DIGITAL OUTPUTS (CMOS)
VOH
IO = 500-μA source
0.8 × DVDD
DVDD
A
Digital output logic levels
V
VOL
IO = 500-μA sink
0
0.2 × DVDD
A
Floating state leakage current
Only for SDO
1
µA
A
Internal pin capacitance
5
pF
C
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
125
°C
B
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS8684A ADS8688A


Số phần tương tự - ADS8688

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBT TI1-ADS8688ATDBT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBTR TI1-ADS8688ATDBTR Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
More results

Mô tả tương tự - ADS8688

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com