công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8688AIDBTR bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8688AIDBTR
Giải thích chi tiết về linh kiện  4- and 8-Channel, Single-Supply, SAR ADCs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8688AIDBTR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8688AIDBTR Datasheet HTML 1Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 2Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 3Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 4Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 5Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 6Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 7Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 8Page - Texas Instruments ADS8688AIDBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
1
2
3
4
5
6
7
8
30
29
28
27
26
25
24
CS
SCLK
SDO
ALARM
DVDD
DGND
AGND
AGND
SDI
RST/PD
DAISY
REFSEL
REFIO
REFGND
REFCAP
22
21
20
AVDD
AGND
AGND
AIN_5P
AIN_5GND
AIN_4P
AIN_4GND
9
AVDD
AUX_IN
AUX_GND
AIN_6P
AIN_6GND
AIN_7P
AIN_7GND
10
11
12
13
14
15
23 AIN_3P
AIN_3GND
AIN_2P
AIN2_GND
AIN_0P
AIN_0GND
AIN_1P
AIN_1GND
16
17
18
19
31
32
33
34
35
36
37
38
AGND
ADS8688A
1
2
3
4
5
6
7
8
30
29
28
27
26
25
24
CS
SCLK
SDO
ALARM
DVDD
DGND
AGND
AGND
SDI
RST/PD
DAISY
REFSEL
REFIO
REFGND
REFCAP
22
21
20
AVDD
AGND
AGND
NC
NC
NC
NC
9
AVDD
AUX_IN
AUX_GND
NC
NC
NC
NC
10
11
12
13
14
15
23 AIN_3P
AIN_3GND
AIN_2P
AIN2_GND
AIN_0P
AIN_0GND
AIN_1P
AIN_1GND
16
17
18
19
31
32
33
34
35
36
37
38
AGND
ADS8684A
ADS8684A, ADS8688A
www.ti.com
SBAS680 – JULY 2015
5 Device Comparison Table
PRODUCT
RESOLUTION (Bits)
CHANNELS
SAMPLE RATE (kSPS)
ADS8684A
16
4, single-ended
500
ADS8688A
16
8, single-ended
500
6 Pin Configuration and Functions
DBT Package
38-Pin TSSOP
Top View (Not to Scale)
Pin Functions
PIN
NAME
I/O
DESCRIPTION
NO.
ADS8684A
ADS8688A
1
SDI
Digital input
Data input for serial communication.
Active low logic input.
2
RST/PD
Digital input
Dual functionality to reset or power-down the device.
3
DAISY
Digital input
Chain the data input during serial communication in daisy-chain mode.
Active low logic input to enable the internal reference.
When low, the internal reference is enabled;
4
REFSEL
Digital input
REFIO becomes an output that includes the VREF voltage.
When high, the internal reference is disabled;
REFIO becomes an input to apply the external VREF voltage.
5
REFIO
Analog input, output
Internal reference output and external reference input pin. Decouple with REFGND on pin 6.
Reference GND pin; short to the analog GND plane.
6
REFGND
Power supply
Decouple with REFIO on pin 5 and REFCAP on pin 7.
7
REFCAP
Analog output
ADC reference decoupling capacitor pin. Decouple with REFGND on pin 6.
8
AGND
Power supply
Analog ground pin. Decouple with AVDD on pin 9.
9
AVDD
Power supply
Analog supply pin. Decouple with AGND on pin 8.
10
AUX_IN
Analog input
Auxiliary input channel: positive input. Decouple with AUX_GND on pin 11.
11
AUX_GND
Analog input
Auxiliary input channel: negative input. Decouple with AUX_IN on pin 10.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8684A ADS8688A


Số phần tương tự - ADS8688AIDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBT TI1-ADS8688ATDBT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBTR TI1-ADS8688ATDBTR Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
More results

Mô tả tương tự - ADS8688AIDBTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com