công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3423IRTQ25 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADC3423IRTQ25
Giải thích chi tiết về linh kiện  Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3423IRTQ25 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADC3423IRTQ25 Datasheet HTML 1Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 2Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 3Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 4Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 5Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 6Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 7Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 8Page - Texas Instruments ADC3423IRTQ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
7.19
Typical Characteristics: Common ......................... 38
1
Features .................................................................. 1
7.20
Typical Characteristics: Contour ........................... 39
2
Applications ........................................................... 1
8
Parameter Measurement Information ................ 39
3
Description ............................................................. 1
8.1
Timing Diagrams ..................................................... 39
4
Revision History..................................................... 2
9
Detailed Description ............................................ 41
5
Device Comparison Table..................................... 3
9.1
Overview ................................................................. 41
6
Pin Configuration and Functions ......................... 3
9.2
Functional Block Diagram ....................................... 41
7
Specifications......................................................... 5
9.3
Feature Description................................................. 42
7.1
Absolute Maximum Ratings ...................................... 5
9.4
Device Functional Modes........................................ 46
7.2
ESD Ratings.............................................................. 5
9.5
Programming........................................................... 47
7.3
Recommended Operating Conditions ....................... 5
9.6
Register Maps ......................................................... 51
7.4
Thermal Information .................................................. 6
10
Applications and Implementation...................... 66
7.5
Electrical Characteristics: General ............................ 6
10.1
Application Information.......................................... 66
7.6
Electrical Characteristics: ADC3421, ADC3422 ....... 7
10.2
Typical Applications .............................................. 67
7.7
Electrical Characteristics: ADC3423, ADC3424 ....... 7
11
Power Supply Recommendations ..................... 69
7.8
AC Performance: ADC3421 ...................................... 8
12
Layout................................................................... 70
7.9
AC Performance: ADC3422 .................................... 10
12.1
Layout Guidelines ................................................. 70
7.10
AC Performance: ADC3423 .................................. 12
12.2
Layout Example .................................................... 70
7.11
AC Performance: ADC3424 .................................. 14
13
Device and Documentation Support ................. 71
7.12
Digital Characteristics ........................................... 16
13.1
Related Links ........................................................ 71
7.13
Timing Requirements: General ............................. 16
13.2
Community Resources.......................................... 71
7.14
Timing Requirements: LVDS Output..................... 17
13.3
Trademarks ........................................................... 71
7.15
Typical Characteristics: ADC3421 ........................ 18
13.4
Electrostatic Discharge Caution ............................ 71
7.16
Typical Characteristics: ADC3422 ........................ 23
13.5
Glossary ................................................................ 71
7.17
Typical Characteristics: ADC3423 ........................ 28
7.18
Typical Characteristics: ADC3424 ........................ 33
14
Mechanical, Packaging, and Orderable
Information ........................................................... 71
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (July 2014) to Revision A
Page
Released to production........................................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424


Số phần tương tự - ADC3423IRTQ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
More results

Mô tả tương tự - ADC3423IRTQ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com