công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC128S102WGRQV bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
ADC128S102WGRQV bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 31 page ADC128S102QML-SP www.ti.com SNAS411N – AUGUST 2008 – REVISED SEPTEMBER 2015 6 Specifications 6.1 Absolute Maximum Ratings (1) MIN MAX UNIT VA Analog Supply Voltage –0.3 6.5 V VD Digital Supply Voltage –0.3 VA + 0.3, 6.5 V Voltage on Any Pin to GND –0.3 VA + 0.3 V Input Current at Any Pin (2) ±10 mA Power Dissipation TA = 25°C See (3) Package Input Current(2) ±20 mA mA Soldering Temperature, 10 seconds 260 °C Junction Temperature 175 °C Tstg Storage Temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) When the input voltage at any pin exceeds the power supplies (that is, VIN less than AGND or VIN greater than VA or VD), the current at that pin should be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 10 mA to two. (3) The absolute maximum junction temperature (TJmax) for this device is 175°C. The maximum allowable power dissipation is dictated by TJmax, the junction-to-ambient thermal resistance (RθJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJmax − TA)/RθJA. The values for maximum power dissipation listed above will be reached only when the ADC128S102QML- SP is operated in a severe fault condition (for example, when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±8000 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) Human body model is 100-pF capacitor discharged through a 1.5-k Ω resistor. Machine model is 220 pF discharged through 0 Ω. 6.3 Recommended Operating Conditions See (1) (2) MIN MAX UNIT Operating Temperature –55 125 °C VA Supply Voltage 2.7 5.25 V VD Supply Voltage 2.7 VA V Digital Input Voltage 0 VA V Analog Input Voltage 0 VA V Clock Frequency 0.8 16 MHz (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for which the device is functional, but do not verify specific performance limits. For specifications and test conditions, see the Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) All voltages are measured with respect to GND = 0 V, unless otherwise specified. 6.4 Thermal Information ACD128S102QML-SP THERMAL METRIC(1) NAC (CFP) UNIT 16 PINS RθJA Junction-to-ambient thermal resistance 127 °C/W RθJC(top) Junction-to-case (top) thermal resistance 11.2 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. Copyright © 2008–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ADC128S102QML-SP |
Số phần tương tự - ADC128S102WGRQV |
|
Mô tả tương tự - ADC128S102WGRQV |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |