công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128D818 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ADC128D818
Giải thích chi tiết về linh kiện  ADC System Monitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128D818 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC128D818_15 Datasheet HTML 4Page - Texas Instruments ADC128D818_15 Datasheet HTML 5Page - Texas Instruments ADC128D818_15 Datasheet HTML 6Page - Texas Instruments ADC128D818_15 Datasheet HTML 7Page - Texas Instruments ADC128D818_15 Datasheet HTML 8Page - Texas Instruments ADC128D818_15 Datasheet HTML 9Page - Texas Instruments ADC128D818_15 Datasheet HTML 10Page - Texas Instruments ADC128D818_15 Datasheet HTML 11Page - Texas Instruments ADC128D818_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ADC128D818
SNAS483F – FEBRUARY 2010 – REVISED AUGUST 2015
www.ti.com
DC Electrical Characteristics (continued)
The following specifications apply for 3 VDC ≤ V
+ ≤ 5.5 V
DC , External VREF = 2.56 V, unless otherwise specified. All limits TA
= TJ = 25°C unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Each Enabled Voltage Channel
12
ms
Continuous Conversion Mode
Internal Temperature Sensor
3.6
ms
tC
Enabled Voltage Channel(s) and Internal
Low Power Conversion Mode
728
ms
Temperature Sensor
MULTIPLEXER / ADC INPUT CHARACTERISTICS
2
RON
ON-Resistance
k
Ω
TA = TJ = TMIN to TMAX
10
Input Current (On Channel
ION
±0.005
μA
Leakage Current)
IOFF
Off Channel Leakage Current
±0.005
μA
DIGITAL OUTPUTS: INT
IOUT = 5.0 mA at V
+ = 4.5
VOUT(0)
Logical 0 Output Voltage
V, IOUT = +3 mA at V
+ = +3 T
A = TJ = TMIN to TMAX
0.4
V
V
OPEN DRAIN SERIAL BUS OUTPUT: SDA
IOUT = 3.0 mA at V
+ = 4.5
VOUT(0)
Logical 0 Output Voltage
TA = TJ = TMIN to TMAX
0.4
V
V,
0.005
IOH
High Level Output Current
VOUT = V
+
μA
TA = TJ = TMIN to TMAX
1
DIGITAL INPUTS: A0 and A1
VIN(1)
Logical 1 Input Voltage
TA = TJ = TMIN to TMAX
0.9 × V+
5.5
V
VIM
Logical Middle Input Voltage
TA = TJ = TMIN to TMAX
0.43 ×
0.57 ×
V+
V+
VIN(0)
Logical 0 Input Voltage
TA = TJ = TMIN to TMAX
GND –
0.1 × V+
V
0.05
SERIAL BUS INPUTS: SCL and SDA
VIN(1)
Logical 1 Input Voltage
TA = TJ = TMIN to TMAX
0.7 × V+
5.5
v
GND –
VIN(0)
Logical 0 Input Voltage
TA = TJ = TMIN to TMAX
0.3 × V+
V
0.05
V+ = 3.3 V
0.67
V
VHYST
Hysteresis Voltage
V+ = 5.5 V
1.45
V
ALL DIGITAL INPUTS: SCL, SDA, A0, A1
– 0.005
IIN(1)
Logical 1 Input Current
VIN = V
+
µA
TA = TJ = TMIN to TMAX
−1
0.005
IIN(0)
Logical 0 Input Current
VIN = 0 VDC
µA
TA = TJ = TMIN to TMAX
1
CIN
Digital Input Capacitance
20
pF
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADC128D818


Số phần tương tự - ADC128D818_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
More results

Mô tả tương tự - ADC128D818_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
Xilinx, Inc
DS608 XILINX-DS608 Datasheet
146Kb / 5P
   LogiCORE IP System Monitor
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
   Power Control and Monitor System
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
logo
MKS Instruments.
835VQM MKS-835VQM Datasheet
372Kb / 8P
   Vac uum Quality Monitor System
logo
Texas Instruments
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com