công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC12D1600RF bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
ADC12D1600RF bảng dữ liệu(HTML) 10 Page - Texas Instruments |
10 / 84 page VA GND GND VA 100 k: GND VA 100 k: GND VA 100 k: GND VA 50 k: ADC12D1000RF, ADC12D1600RF SNAS519H – JULY 2011 – REVISED AUGUST 2015 www.ti.com Table 3-2. Control and Status Balls (continued) PIN I/O EQUIVALENT CIRCUIT DESCRIPTION NAME NO. Power Down I- and Q-channel. Setting either input to logic-high powers down the respective I- or Q-channel. Setting either input to logic-low brings the respective I- or Q-channel to a operational state after a PDI U3 finite time delay. This pin is active in both I PDQ V3 ECM and Non-ECM. In ECM, each Pin is logically OR'd with its respective Bit. Therefore, either this pin or the PDI and PDQ Bit in the Control Register can be used to power down the I- and Q-channel (Addr: 0h, Bit 11 and Bit 10), respectively. Serial Clock. In ECM, serial data is shifted into and out of the device synchronously to this clock signal. This clock may be SCLK C5 I disabled and held logic-low, as long as timing specifications are not violated when the clock is enabled or disabled. Serial Chip Select bar. In ECM, when this signal is asserted (logic-low), SCLK is used to clock in serial data which is SCS C4 I present on SDI and to source serial data on SDO. When this signal is deasserted (logic-high), SDI is ignored and SDO is in tri-stated. Serial Data-In. In ECM, serial data is SDI B4 I shifted into the device on this pin while SCS signal is asserted (logic-low). Serial Data-Out. In ECM, serial data is shifted out of the device on this pin while SDO A3 O SCS signal is asserted (logic-low). This output is tri-stated when SCS is deasserted. 10 Pin Configuration and Functions Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: ADC12D1000RF ADC12D1600RF |
Số phần tương tự - ADC12D1600RF |
|
Mô tả tương tự - ADC12D1600RF |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |