công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1600RF bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1600RF
Giải thích chi tiết về linh kiện  12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1600RF bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC12D1600RF Datasheet HTML 4Page - Texas Instruments ADC12D1600RF Datasheet HTML 5Page - Texas Instruments ADC12D1600RF Datasheet HTML 6Page - Texas Instruments ADC12D1600RF Datasheet HTML 7Page - Texas Instruments ADC12D1600RF Datasheet HTML 8Page - Texas Instruments ADC12D1600RF Datasheet HTML 9Page - Texas Instruments ADC12D1600RF Datasheet HTML 10Page - Texas Instruments ADC12D1600RF Datasheet HTML 11Page - Texas Instruments ADC12D1600RF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
GND
VA
VA
GND
GND
VA
GND
VA
ADC12D1000RF, ADC12D1600RF
SNAS519H – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Table 3-2. Control and Status Balls
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
Calibration cycle initiate. The user can
command the device to execute a self-
calibration cycle by holding this input high
a minimum of tCAL_H after having held it
low a minimum of tCAL_L. If this input is
held high at the time of power on, the
automatic power-on calibration cycle is
CAL
D6
I
inhibited until this input is cycled low-then-
high. This pin is active in both ECM and
Non-ECM. In ECM, this pin is logically
OR'd with the CAL Bit (Addr: 0h, Bit 15)
in the Control Register. Therefore, both
pin and bit must be set low and then
either can be set high to execute an on-
command calibration.
Calibration Delay select. By setting this
input logic-high or logic-low, the user can
select the device to wait a longer or
shorter amount of time, respectively,
CalDly
V4
I
before the automatic power-on self-
calibration is initiated. This feature is pin-
controlled only and is always active
during ECM and Non-ECM.
Calibration Running indication. This
output is logic-high while the calibration
CalRun
B5
O
sequence is executing. This output is
logic-low otherwise.
DDR Phase select. This input, when
logic-low, selects the 0° Data-to-DCLK
phase relationship. When logic-high, it
selects the 90° Data-to-DCLK phase
relationship, that is, the DCLK transition
indicates the middle of the valid data
DDRPh
W4
I
outputs. This pin only has an effect when
the chip is in 1:2 Demuxed Mode, that is,
the NDM pin is set to logic-low. In ECM,
this input is ignored and the DDR phase
is selected through the Control Register
by the DPS Bit (Addr: 0h, Bit 14); the
default is 0° Mode.
8
Pin Configuration and Functions
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Số phần tương tự - ADC12D1600RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1600RFIUT TI-ADC12D1600RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1600RFIUT/NOPB TI-ADC12D1600RFIUT/NOPB Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results

Mô tả tương tự - ADC12D1600RF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com