công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1800CIUT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1800CIUT
Giải thích chi tiết về linh kiện  12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1800CIUT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADC12D1800CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 9Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 10Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 11Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 12Page - Texas Instruments ADC12D1800CIUT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
GND
VA
100 k:
GND
VA
100 k:
GND
VA
50 k:
GND
VA
GND
VA
ADC12D1800
www.ti.com
SNAS500P – MAY 2010 – REVISED JULY 2015
Table 3-2. Pin Attributes — Control and Status Balls (continued)
PIN NO.
NAME
EQUIVALENT CIRCUIT
DESCRIPTION
Full-Scale input Range select. In Non-ECM, this
input must be set to logic-high; the full-scale
differential input range for both I- and Q-channel
inputs is set by this pin. In the ECM, this input is
ignored and the full-scale range of the I- and Q-
Y3
FSR
channel inputs is independently determined by the
setting of Addr: 3h and Addr: Bh, respectively.
Note that the logic-high FSR value in Non-ECM
corresponds to the minimum allowed selection in
ECM.
DDR Phase select. This input, when logic-low,
selects the 0° Data-to-DCLK phase relationship.
When logic-high, it selects the 90° Data-to-DCLK
phase relationship, i.e. the DCLK transition
indicates the middle of the valid data outputs. This
W4
DDRPh
pin only has an effect when the chip is in 1:2
Demuxed Mode, i.e. the NDM pin is set to logic-
low. In ECM, this input is ignored and the DDR
phase is selected through the Control Register by
the DPS Bit (Addr: 0h, Bit 14); the default is 0°
Mode.
Extended Control Enable bar. Extended feature
control through the SPI interface is enabled when
this signal is asserted (logic-low). In this case,
most of the direct control pins have no effect.
B3
ECE
When this signal is de-asserted (logic-high), the
SPI interface is disabled, all SPI registers are
reset to their default values, and all available
settings are controlled via the control pins.
Serial Chip Select bar. In ECM, when this signal is
asserted (logic-low), SCLK is used to clock in
serial data which is present on SDI and to source
C4
SCS
serial data on SDO. When this signal is de-
asserted (logic-high), SDI is ignored and SDO is in
TRI-STATE.
Serial Clock. In ECM, serial data is shifted into
and out of the device synchronously to this clock
C5
SCLK
signal. This clock may be disabled and held logic-
low, as long as timing specifications are not
violated when the clock is enabled or disabled.
Copyright © 2010–2015, Texas Instruments Incorporated
Pin Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: ADC12D1800


Số phần tương tự - ADC12D1800CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12D1800CIUT NSC-ADC12D1800CIUT Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
ADC12D1800CIUT/NOPB NSC-ADC12D1800CIUT/NOPB Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
More results

Mô tả tương tự - ADC12D1800CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com