công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1000RF bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADC12D1000RF
Giải thích chi tiết về linh kiện  12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000RF bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADC12D1000RF_15 Datasheet HTML 3Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 4Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 5Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 6Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 7Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 8Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 9Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 10Page - Texas Instruments ADC12D1000RF_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
GND
VA
200k
8 pF
VCMO
Enable AC
Coupling
VA
GND
ADC12D1000RF, ADC12D1600RF
www.ti.com
SNAS519H – JULY 2011 – REVISED AUGUST 2015
Table 3-1. Analog Front-End and Clock Balls (continued)
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
Bandgap Voltage Output or LVDS
Common-mode Voltage Select. This pin
provides a buffered version of the
bandgap output voltage and is capable of
sourcing or sinking 100 µA and driving a
VBG
B1
O
load of up to 80 pF. Alternately, this pin
may be used to select the LVDS digital
output common-mode voltage. If tied to
logic-high, the 1.2-V LVDS common-
mode voltage is selected; 0.8 V is the
default.
Common-Mode Voltage Output or Signal
Coupling Select. If AC-coupled operation
at the analog inputs is desired, this pin
should be held at logic-low level. This pin
is capable of sourcing or sinking up to
100 µA. For DC-coupled operation, this
VCMO
C2
I/O
pin should be left floating or terminated
into high impedance. In DC-coupled
Mode, this pin provides an output voltage
which is the optimal common-mode
voltage for the input signal and should be
used to set the common-mode voltage of
the driving buffer.
Differential signal I- and Q-inputs. In the
Non-Dual
Edge
Sampling
(Non-DES)
Mode, each I- and Q-input is sampled
and converted by its respective channel
with each positive transition of the CLK
input.
In
Non-ECM
(Non-Extended
Control Mode) and DES Mode, both
channels sample the I-input. In Extended
Control Mode (ECM), the Q-input may
optionally be selected for conversion in
DES Mode by the DEQ Bit (Addr: 0h, Bit
6).
Each I- and Q-channel input has an
internal
common-mode
bias
that
is
disabled
when
DC-coupled
Mode
is
VinI+/-
H1/J1
I
selected. Both inputs must be either AC-
VinQ+/-
N1/M1
or DC-coupled. The coupling mode is
selected by the VCMO Pin.
In Non-ECM, the full-scale range of these
inputs is determined by the FSR Pin;
both I- and Q-channels have the same
full-scale input range. In ECM, the full-
scale input range of the I- and Q-channel
inputs may be independently set through
the Control Register (Addr: 3h and Addr:
Bh). The high and low full-scale input
range setting in Non-ECM corresponds to
the mid and minimum full-scale input
range in ECM.
The input offset may also be adjusted in
ECM.
Copyright © 2011–2015, Texas Instruments Incorporated
Pin Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Số phần tương tự - ADC12D1000RF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT/NOPB TI-ADC12D1000RFIUT/NOPB Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results

Mô tả tương tự - ADC12D1000RF_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com