công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1000CIUT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1000CIUT
Giải thích chi tiết về linh kiện  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000CIUT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC12D1000CIUT Datasheet HTML 1Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 2Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 3Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 4Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
VA
VA
GND
GND
Tdiode_P
Tdiode_N
GND
VA
V
GND
VA
V
VA
A GND
-
+
100:
100:
ADC12D1000, ADC12D1600
www.ti.com
SNAS480N – MAY 2010 – REVISED AUGUST 2015
Pin Functions: Analog Front-End and Clock Balls (continued)
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
Reference Clock Output 1 and 2. These signals
provide a reference clock at a rate of CLK/4, when
enabled, independently of whether the ADC is in
Master or Slave Mode. The signals are used to
drive the RCLK of another ADC12D1x00, to enable
automatic synchronization for multiple ADCs
RCOut1+/-
Y5/U6
O
(AutoSync feature). The impedance of each trace
RCOut2+/-
V6/V7
from RCOut1 and RCOut2 to the RCLK of another
ADC12D1x00 should be 100-
Ω differential. Having
two clock outputs allows the auto-synchronization
to propagate as a binary tree. Use the DOC Bit
(Addr: Eh, Bit 1) to enable or disable this feature;
default is disabled.
External Reference Resistor terminals. A 3.3-k
Ω
±0.1% resistor should be connected between
Rext+/-. The Rext resistor is used as a reference to
Rext+/-
C3/D3
I/O
trim internal circuits which affect the linearity of the
converter; the value and precision of this resistor
should not be compromised.
Input Termination Trim Resistor terminals. A 3.3-k
Ω
±0.1% resistor should be connected between
Rtrim+/-. The Rtrim resistor is used to establish the
calibrated 100-
Ω input impedance of VinI, VinQ
Rtrim+/-
C1/D2
I/O
and CLK. These impedances may be fine tuned by
varying the value of the resistor by a corresponding
percentage; however, the tuning range and
performance is not ensured for such an alternate
value.
Temperature Sensor Diode Positive (Anode) and
Negative (Cathode) Terminals. This set of pins is
Tdiode+/-
E2/F3
Passive
used for die temperature measurements. It has not
been fully characterized.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12D1000 ADC12D1600


Số phần tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Mô tả tương tự - ADC12D1000CIUT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com