công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ACTQ821 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ACTQ821
Giải thích chi tiết về linh kiện  Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ821 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ821 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ821 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed
Limits
I
CC
Maximum Quiescent
5.5
160.0
µA
V
IN = VCC
Supply Current
or GND (Note 5)
V
OLP
Quiet Output
5.0
V
(Notes 6, 7)
Maximum Dynamic V
OL
V
OLV
Quiet Output
5.0
V
(Notes 6, 7)
Minimum Dynamic V
OL
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 6: Plastic DIP package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 8: Maximum number of data inputs (n) switching. (n−1) inputs switching 0V to 3V (’ACTQ). Input-under-test switching: 3V to threshold (VILD), 0V to threshold
(VIHD), f = 1 MHz.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
95
MHz
Frequency
t
PLH,
Propagation Delay
5.0
2.5
11.5
ns
t
PHL
CP to O
n
t
PZH,
Output Enable Time
5.0
2.5
13.0
ns
t
PZL
OE to O
n
t
PHZ,
Output Disable Time
5.0
1.0
9.0
ns
t
PLZ
OE to O
n
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device. The
specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design. Not
tested.
AC Operating Requirements
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 11)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
3.0
ns
D
n to CP
t
h
Hold Time, HIGH or LOW
5.0
2.0
ns
D
n to CP
t
w
CP Pulse Width
5.0
4.0
ns
HIGH or LOW
Note 11: Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
4


Số phần tương tự - 54ACTQ821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827F NSC-54ACTQ827F Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827L NSC-54ACTQ827L Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827SD NSC-54ACTQ827SD Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Mô tả tương tự - 54ACTQ821

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54AC821 NSC-54AC821 Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821_00 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ16374 NSC-54ACTQ16374 Datasheet
80Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ABT16374 NSC-54ABT16374 Datasheet
131Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
SCAN18374T NSC-SCAN18374T Datasheet
162Kb / 14P
   D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com