công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8812IBPW bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8812IBPW
Giải thích chi tiết về linh kiện  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812IBPW bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DAC8812IBPW Datasheet HTML 1Page - Texas Instruments DAC8812IBPW Datasheet HTML 2Page - Texas Instruments DAC8812IBPW Datasheet HTML 3Page - Texas Instruments DAC8812IBPW Datasheet HTML 4Page - Texas Instruments DAC8812IBPW Datasheet HTML 5Page - Texas Instruments DAC8812IBPW Datasheet HTML 6Page - Texas Instruments DAC8812IBPW Datasheet HTML 7Page - Texas Instruments DAC8812IBPW Datasheet HTML 8Page - Texas Instruments DAC8812IBPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
DAC8812
www.ti.com
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OPA277 I-to-V converter
amplifier. The DAC8812 RFB pin is tied to the amplifier output. Typical values represent average readings measured at 25°C.
(2)
These parameters are not subject to production testing.
7.5
Electrical Characteristics
VDD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
INL
Relative accuracy
DAC8812B
±2
LSB
DAC8812C
±1
DNL
Differential nonlinearity
±1
LSB
IOUTx
Output leakage current
Data = 0000h, TA = 25°C
10
nA
Data = 0000h, TA = TA max
20
GFSE
Full-scale gain error
Data = FFFFh
±0.75
±4
mV
TCVFS
Full-scale temperature
coefficient(2)
1
ppm/°C
RFBX
Feedback resistor
VDD = 5 V
5
k
REFERENCE INPUT(2)
VREFx
VREFx range
–15
15
V
RREFx
Input resistance
4
5
6
k
Input resistance match
1%
CREFx
Input capacitance
5
pF
ANALOG OUTPUT(2)
IOUTx
Output current
Data = FFFFh
1.6
2.5
mA
COUTx
Output capacitance
Code-dependent
50
pF
LOGIC INPUTS(2)
VIL
Input low voltage
VDD = 2.7 V
0.6
V
VDD = 5 V
0.8
VIH
Input high voltage
VDD = 2.7 V
2.1
V
VDD = 5 V
2.4
IIL
Input leakage current
1
μA
CIL
Input capacitance
10
pF


Số phần tương tự - DAC8812IBPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWR TI-DAC8812IBPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8812IBPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com