công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8811 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8811
Giải thích chi tiết về linh kiện  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DAC8811 Datasheet HTML 2Page - Texas Instruments DAC8811 Datasheet HTML 3Page - Texas Instruments DAC8811 Datasheet HTML 4Page - Texas Instruments DAC8811 Datasheet HTML 5Page - Texas Instruments DAC8811 Datasheet HTML 6Page - Texas Instruments DAC8811 Datasheet HTML 7Page - Texas Instruments DAC8811 Datasheet HTML 8Page - Texas Instruments DAC8811 Datasheet HTML 9Page - Texas Instruments DAC8811 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
DAC8811
SLAS411D – NOVEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DAC8811
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Specified by design and characterization; not production tested.
(2)
All ac characteristic tests are performed in a closed-loop system using the THS4011 I-to-V converter amplifier.
7.5 Electrical Characteristics
VDD = 2.7 V to 5.5 V; IOUT = Virtual GND, GND = 0 V; VREF = 10 V; TA = full operating temperature. All specifications -40°C to
85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
Bits
Relative accuracy
DAC8811C
±1
LSB
Relative accuracy
DAC8811B
±2
LSB
Differential nonlinearity
±0.5
±1
LSB
Output leakage current
Data = 0000h, TA = 25°C
10
nA
Output leakage current
Data = 0000h, TA = TMAX
10
nA
Full-scale gain error
All ones loaded to DAC register
±1
±4
mV
Full-scale tempco
±3
ppm/°C
OUTPUT CHARACTERISTICS(1)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT(1)
VREF Range
–15
15
V
Input resistance
5
k
Input capacitance
5
pF
LOGIC INPUTS AND OUTPUT(1)
VIL
Input low voltage
VDD = 2.7V
0.6
V
VDD = 5V
0.8
V
VIH
Input high voltage
VDD = 2.7V
2.1
V
VDD = 5V
2.4
V
IIL
Input leakage current
10
µA
CIL
Input capacitance
10
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0 V
5
µA
VDD = 4.5 V to 5.5 V
VIH = VDD and VIL = GND
3
5
µA
VDD = 2.7 V to 3.6 V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS(1) (2)
BW –3 dB
Reference mutiplying BW
VREF = 5 VPP, Data = FFFFh
10
MHz
DAC glitch impulse
VREF = 0 V to 10 V, Data = 7FFFh to 8000h to 7FFFh
2
nV/s
Feed through error VOUT/VREF
Data = 0000h, VREF = 100 mVRMS, f = 100kHz
–70
dB
Digital feed through
CS = 1 and fCLK = 1 MHz
2
nV/s
Total harmonic distortion
VREF = 5 VPP, Data = FFFFh, f = 1 kHz
–105
dB
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz


Số phần tương tự - DAC8811

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811B TI-DAC8811B Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811C TI-DAC8811C Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8811

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com