công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC081C081 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC081C081
Giải thích chi tiết về linh kiện  8-Bit Micro Power Digital-to-Analog Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC081C081 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button DAC081C081 Datasheet HTML 2Page - Texas Instruments DAC081C081 Datasheet HTML 3Page - Texas Instruments DAC081C081 Datasheet HTML 4Page - Texas Instruments DAC081C081 Datasheet HTML 5Page - Texas Instruments DAC081C081 Datasheet HTML 6Page - Texas Instruments DAC081C081 Datasheet HTML 7Page - Texas Instruments DAC081C081 Datasheet HTML 8Page - Texas Instruments DAC081C081 Datasheet HTML 9Page - Texas Instruments DAC081C081 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
I/O
GND
TO INTERNAL
CIRCUITRY
6
DAC081C081, DAC081C085
SNAS449E – FEBRUARY 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC081C081 DAC081C085
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
(2)
The inputs are protected as shown below. Input voltage magnitudes up to 5.5 V, regardless of VA, will not cause errors in the conversion
result. For example, if VA is 3 V, the digital input pins can be driven with a 5V logic device.
7.3 Recommended Operating Conditions
See
(1)
MIN
NOM
MAX
UNIT
Operating Temperature
−40
TA
125
°C
Supply Voltage, VA
2.7
5.5
V
Reference Voltage, VREFIN
1
VA
V
Digital Input Voltage(2)
5.5
V
Output Load
0
1500
pF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.
Reflow temperature profiles are different for lead-free packages.
7.4 Thermal Information
THERMAL METRIC(1)(2)
DAC081C081
DAC081C085
UNIT
NGF (WSON)
DDC (SOT)
DGK (VSSOP)
6 PINS
6 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
190
250
240
°C/W


Số phần tương tự - DAC081C081

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081CIMK NSC-DAC081C081CIMK Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081CIMKX NSC-DAC081C081CIMKX Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081CISD NSC-DAC081C081CISD Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results

Mô tả tương tự - DAC081C081

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com