công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8557IPM bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8557IPM
Giải thích chi tiết về linh kiện  12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8557IPM bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8557IPM Datasheet HTML 1Page - Texas Instruments ADS8557IPM Datasheet HTML 2Page - Texas Instruments ADS8557IPM Datasheet HTML 3Page - Texas Instruments ADS8557IPM Datasheet HTML 4Page - Texas Instruments ADS8557IPM Datasheet HTML 5Page - Texas Instruments ADS8557IPM Datasheet HTML 6Page - Texas Instruments ADS8557IPM Datasheet HTML 7Page - Texas Instruments ADS8557IPM Datasheet HTML 8Page - Texas Instruments ADS8557IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
ADS8556, ADS8557, ADS8558
SBAS404D – OCTOBER 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8556 ADS8557 ADS8558
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
AI = analog input; AIO = analog input/output; DI = digital input; DO = digital output; DIO = digital input/output; and P = power supply.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PARALLEL INTERFACE (PAR/SER = 0)
SERIAL INTERFACE (PAR/SER = 1)
DB14/REFBUFEN
1
DIO, DI
Data bit 14 input/output
Output is '0' for the ADS8557, ADS8558
Hardware mode (HW/SW = 0):
Reference buffers enable input.
When low, all reference buffers are enabled
(mandatory if internal reference is used). When
high, all reference buffers are disabled.
Software mode (HW/SW = 1):
Connect to BGND or BVDD.
The reference buffers are controlled by bit C24
(REFBUF) in control register (CR).
DB13/SDI
2
DIO, DI
Data bit 13 input/output
Output is MSB for the ADS8557
and '0' for the ADS8558
Hardware mode (HW/SW = 0):
Connect to BGND
Software mode (HW/SW = 1):
Serial data input
DB12
3
DIO
Data bit 12 input/output
Output is '0' for the ADS8558
Connect to BGND
DB11
4
DIO
Data bit 11 input/output
Output is MSB for the ADS8558
Connect to BGND
DB10/SDO_C
5
DIO, DO
Data bit 10 input/output
When SEL_C = 1, data output for channel C
When SEL_C = 0, tie this pin to BGND
DB9/SDO_B
6
DIO, DO
Data bit 9 input/output
When SEL_B = 1, data output for channel B
When SEL_B = 0, tie this pin to BGND
When SEL_C = 0, data from channel C1 are
also available on this output
DB8/SDO_A
7
DIO, DO
Data bit 8 input/output
Data output for channel A
When SEL_C = 0, data from channel C0 are
also available on this output
When SEL_C = 0 and SEL_B = 0, SDO_A acts
as the single data output for all channels
BGND
8
P
Buffer IO ground, connect to digital ground plane
BVDD
9
P
Buffer IO supply, connect to digital supply (2.7 V to 5.5 V). Decouple with a 1-
μF ceramic
capacitor or a combination of 100-nF and 10-
μF ceramic capacitors to BGND.
DB7/HBEN/DCEN
10
DIO, DI,
DI
Word mode (WORD/BYTE = 0): Data bit 7
input/output
Daisy-chain enable input.
When high, DB[5:3] serve as daisy-chain inputs
DCIN[A:C]. If daisy-chain mode is not used,
connect to BGND.
Byte mode (WORD/BYTE = 1):
High byte enable input.
When high, the high byte is output first on
DB[15:8]. When low, the low byte is output first
on DB[15:8].
DB6/SCLK
11
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 6 input/output
Serial interface clock input (36 MHz, max)
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
DB5/DCIN_A
12
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 5 input/output
When DCEN = 1, daisy-chain data input for
channel A.
When DCEN = 0, connect to BGND.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
DB4/DCIN_B
13
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 4 input/output
When SEL_B = 1 and DCEN = 1,
daisy-chain data input for channel B.
When DCEN = 0, connect to BGND.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD
DB3/DCIN_C
14
DIO, DI
Word mode (WORD/BYTE = 0):
Data bit 3 input/output
When SEL_C = 1 and DCEN = 1,
daisy-chain data input for channel C.
When DCEN = 0, connect to BGND.
Byte mode (WORD/BYTE = 1):
Connect to BGND or BVDD


Số phần tương tự - ADS8557IPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8557IPM TI-ADS8557IPM Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8557IPMR TI-ADS8557IPMR Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Mô tả tương tự - ADS8557IPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com