công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4449IZCRR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4449IZCRR
Giải thích chi tiết về linh kiện  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4449IZCRR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS4449IZCRR Datasheet HTML 1Page - Texas Instruments ADS4449IZCRR Datasheet HTML 2Page - Texas Instruments ADS4449IZCRR Datasheet HTML 3Page - Texas Instruments ADS4449IZCRR Datasheet HTML 4Page - Texas Instruments ADS4449IZCRR Datasheet HTML 5Page - Texas Instruments ADS4449IZCRR Datasheet HTML 6Page - Texas Instruments ADS4449IZCRR Datasheet HTML 7Page - Texas Instruments ADS4449IZCRR Datasheet HTML 8Page - Texas Instruments ADS4449IZCRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
G005
f
= 170 MHz
IN
SFDR = 89 dBc
SNR = 69 dBFS
SINAD = 68.9 dBFS
THD = 85 dBc
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ADS4449
SBAS603A – APRIL 2013 – REVISED JANUARY 2016
ADS4449 Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
1 Features
3 Description
The ADS4449 is a high-linearity, quad-channel, 14-
1
Quad Channel
bit, 250-MSPS, analog-to-digital converter (ADC).
14-Bit Resolution
Designed for low power consumption and high
Maximum Sampling Data Rate: 250 MSPS
spurious-free dynamic range (SFDR), the device has
low-noise performance and outstanding SFDR over a
Power Dissipation:
large input frequency range.
365 mW per Channel
Spectral Performance at 170-MHz IF (typ):
Device Information(1)
SNR: 69 dBFS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SFDR: 86 dBc
10.00 mm × 10.00
ADS4449
NFBGA (144)
mm
DDR LVDS Digital Output Interface
(1) For all available packages, see the orderable addendum at
Internal Dither
the end of the data sheet.
Package: 144-Terminal NFBGA (10.00 mm ×
10.00 mm)
2 Applications
Multi-Carrier GSM Cellular Infrastructure Base
Stations
RADAR and Smart Antenna Arrays
Multi-Carrier Multi-Mode Cellular Infrastructure
Base Stations
Active Antenna Arrays for Wireless Infrastructures
Communications Test Equipment
Spectrum for 170-MHz Input Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - ADS4449IZCRR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4449IZCRR TI-ADS4449IZCRR Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results

Mô tả tương tự - ADS4449IZCRR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Linear Technology
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com