công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4249 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS4249
Giải thích chi tiết về linh kiện  Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4249 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS4249_16 Datasheet HTML 3Page - Texas Instruments ADS4249_16 Datasheet HTML 4Page - Texas Instruments ADS4249_16 Datasheet HTML 5Page - Texas Instruments ADS4249_16 Datasheet HTML 6Page - Texas Instruments ADS4249_16 Datasheet HTML 7Page - Texas Instruments ADS4249_16 Datasheet HTML 8Page - Texas Instruments ADS4249_16 Datasheet HTML 9Page - Texas Instruments ADS4249_16 Datasheet HTML 10Page - Texas Instruments ADS4249_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
ADS4249
www.ti.com
SBAS534E – JULY 2011 – REVISED JANUARY 2016
Pin Functions (LVDS Mode) (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
38
39
NC
Do not connect, must be floated
58
59
Serial interface RESET input.
When using the serial interface mode, the internal registers must be initialized
through a hardware RESET by applying a high pulse on this pin or by using the
RESET
12
I
software reset option; see the Serial Interface Configuration section.
In parallel interface mode, the RESET pin must be permanently tied high.
SCLK and SEN are used as parallel control pins in this mode. This pin has an
internal 150-k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. SCLK
SCLK
13
I
controls the low-speed mode selection when RESET is tied high; see Table 7
for detailed information. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
14
I
Serial interface data input; this pin has an internal 150-k
Ω pull-down resistor.
This pin functions as a serial interface register readout when the READOUT bit
SDOUT
64
O
is enabled. When READOUT = 0, this pin is put into a high-impedance state.
This pin functions as a serial interface enable input when RESET is low. SEN
controls the output interface and data format selection when RESET is tied
SEN
15
I
high; see Table 8 for detailed information. This pin has an internal 150-k
Ω pull-
up resistor to AVDD.
This pin outputs the common-mode voltage (0.95 V) that can be used
VCM
23
O
externally to bias the analog input pins
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS4249


Số phần tương tự - ADS4249_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4249IRGC25 TI1-ADS4249IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249IRGCR TI1-ADS4249IRGCR Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249IRGCT TI1-ADS4249IRGCT Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
More results

Mô tả tương tự - ADS4249_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4449 TI-ADS4449 Datasheet
1Mb / 54P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com