công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B49IRGZT bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS41B49IRGZT
Giải thích chi tiết về linh kiện  Ultralow-Power ADCs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B49IRGZT bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS41B49IRGZT Datasheet HTML 6Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 7Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 8Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 9Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 10Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 11Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 12Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 13Page - Texas Instruments ADS41B49IRGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
ADS41B29, ADS41B49
SBAS486F – NOVEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS41B29 ADS41B49
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Minimum values for the ADS41B49 are specified across the ambient temperature range of –40°C to +105°C.
6.6 Electrical Characteristics: ADS41B29, ADS41B49
Typical values are at TA = 25°C, AVDD = 1.8 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, 1.5-VPP clock amplitude, 50% clock
duty cycle, –1-dBFS differential analog input, and DDR LVDS interface, unless otherwise noted. Minimum and maximum
values are across the full ambient temperature range: TA, MIN = –40°C to TA, MAX = 85°C, AVDD = 1.8 V, AVDD_BUF = 3.3 V,
and DRVDD = 1.8 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
ADS41B29
ADS41B49(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
12
14
Bits
SNR
Signal-to-noise ratio, LVDS
fIN = 20 MHz
68.4
69.7
dBFS
fIN = 70 MHz
68.3
69.5
fIN = 100 MHz
68.3
69.5
fIN = 170 MHz
65.5
68
66.5
69.1
fIN = 300 MHz
67.5
68.4
SINAD
Signal-to-noise and distortion
ratio, LVDS
fIN = 20 MHz
68.3
69.5
dBFS
fIN = 70 MHz
68.1
69.3
fIN = 100 MHz
68.2
69.3
fIN = 170 MHz
65
67.8
66
68.8
fIN = 300 MHz
66.5
67.4
SFDR
Spurious-free dynamic range
fIN = 20 MHz
89
89
dBc
fIN = 70 MHz
85
85
fIN = 100 MHz
87
87
fIN = 170 MHz
71
82
72
82
fIN = 300 MHz
75
75
THD
Total harmonic distortion
fIN = 20 MHz
85
85
dBc
fIN = 70 MHz
82
82
fIN = 100 MHz
83
83
fIN = 170 MHz
68
79.5
69
79.5
fIN = 300 MHz
72
72
HD2
Second-order harmonic
distortion
fIN = 20 MHz
93
93
dBc
fIN = 70 MHz
85
85
fIN = 100 MHz
87
87
fIN = 170 MHz
71
87
72
87
fIN = 300 MHz
80
80
HD3
Third-order harmonic distortion
fIN = 20 MHz
93
93
dBc
fIN = 70 MHz
88
88
fIN = 100 MHz
88
88
fIN = 170 MHz
71
82
72
82
fIN = 300 MHz
75
75
Worst spur
(other than second- and third-
order harmonics)
fIN = 20 MHz
89
89
dBc
fIN = 70 MHz
90
90
fIN = 100 MHz
90
90
fIN = 170 MHz
76
88
77.5
88
fIN = 300 MHz
88
88
IMD
Two-tone intermodulation
distortion
f1 = 185 MHz, f2 = 190 MHz,
each tone at –7 dBFS
–86
–86
dBFS
Input overload recovery
Recovery to within 1% (of final
value) for 6-dB overload with
sine-wave input
1
1
Clock
cycles
PSRR
AC power-supply rejection ratio
For 100-mVPP signal on AVDD
supply, up to 10 MHz
> 30
> 30
dB
ENOB
Effective number of bits
fIN = 170 MHz
11
11.2
LSBs
INL
Integrated nonlinearity
fIN = 170 MHz
±1.5
±3.5
±2.5
±5
LSBs


Số phần tương tự - ADS41B49IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B49IRGZT TI-ADS41B49IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZT TI-ADS41B49IRGZT Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Mô tả tương tự - ADS41B49IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14 Datasheet
1Mb / 32P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com