công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B29IRGZT bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS41B29IRGZT
Giải thích chi tiết về linh kiện  Ultralow-Power ADCs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B29IRGZT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS41B29IRGZT Datasheet HTML 2Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 3Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 4Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 5Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 6Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 9Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
ADS41B29, ADS41B49
SBAS486F – NOVEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS41B29 ADS41B49
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
ADS41B49
ADS41B29
AGND
9, 12, 14, 17, 19, 25
9, 12, 14, 17, 19, 25
I
Analog ground
AVDD
8, 18, 20, 22, 24, 26
8, 18, 20, 22, 24, 26
I
1.8-V analog power supply
AVDD_BUF
21
21
I
3.3-V input buffer supply
CLKM
11
11
I
Differential clock input, negative
CLKP
10
10
I
Differential clock input, positive
CLKOUTP
5
5
O
Differential output clock, true
CLKOUTM
4
4
O
Differential output clock, complement
D0_D1_M
33
37
O
Differential output data D0 and D1 multiplexed, complement
D0_D1_P
34
38
O
Differential output data D0 and D1 multiplexed, true
D2_D3_M
37
39
O
Differential output data D2 and D3 multiplexed, complement
D2_D3_P
38
40
O
Differential output data D2 and D3 multiplexed, true
D4_D5_M
39
41
O
Differential output data D4 and D5 multiplexed, complement
D4_D5_P
40
42
O
Differential output data D4 and D5 multiplexed, true
D6_D7_M
41
43
O
Differential output data D6 and D7 multiplexed, complement
D6_D7_P
42
44
O
Differential output data D6 and D7 multiplexed, true
D8_D9_M
43
45
O
Differential output data D8 and D9 multiplexed, complement
D8_D9_P
44
46
O
Differential output data D8 and D9 multiplexed, true
D10_D11_M
45
47
O
Differential output data D10 and D11 multiplexed, complement
D10_D11_P
46
48
O
Differential output data D10 and D11 multiplexed, true
D12_D13_M
47
O
Differential output data D12 and D13 multiplexed, complement
D12_D13_P
48
O
Differential output data D12 and D13 multiplexed, true
DFS
6
6
I
Data format select input. This pin sets the DATA FORMAT (twos
complement or offset binary) and the LVDS, CMOS output interface
type.
DRGND
1, 36
1, 36
I
Digital and output buffer ground
DRVDD
2, 35
2, 35
I
1.8-V digital and output buffer supply
INM
16
16
I
Differential analog input, negative
INP
15
15
I
Differential analog input, positive
NC
31, 32
31-34
Do not connect
OE
7
7
I
Output buffer enable input, active high; this pin has an internal 100-k
Ω
pull-up resistor to DRVDD.
OVR_SDOUT
3
3
O
This pin functions as an out-of-range indicator after reset, when register
bit READOUT = 0, and functions as a serial register readout pin when
READOUT = 1. This pin is a 1.8-V CMOS output pin (running off of
DRVDD).
RESERVED
23
23
I
Digital control pin, reserved for future use
RESET
30
30
I
Serial interface RESET input.
When using the serial interface mode, the internal registers must
initialize through hardware RESET by applying a high pulse on this pin
or by using the software reset option; see the Serial Interface section.
When RESET is tied high, the internal registers are reset to the default
values. In this condition, SDATA can be used as a control pin.
RESET has an internal 100-k
Ω pull-down resistor.
SCLK
29
29
I
This pin functions as a serial interface clock input when RESET is low.
When RESET is high, SCLK has no function and must be tied to
ground. This pin has an internal 180-k
Ω pull-down resistor
SDATA
28
28
I
This pin functions as a serial interface data input when RESET is low.
When RESET is high, SDATA functions as a STANDBY control pin (see
Table 7). This pin has an internal 180-k
Ω pull-down resistor.
SEN
27
27
I
This pin functions as a serial interface enable input when RESET is low.
When RESET is high, SEN has no function and must be tied to AVDD.
This pin has an internal 180-k
Ω pull-up resistor to AVDD.
VCM
13
13
O
Outputs the common-mode voltage that can be used externally to bias
the analog input pins.


Số phần tương tự - ADS41B29IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B29IRGZT TI-ADS41B29IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZT TI-ADS41B29IRGZT Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Mô tả tương tự - ADS41B29IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14 Datasheet
1Mb / 32P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com