công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S052QCMTX bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADC128S052QCMTX
Giải thích chi tiết về linh kiện  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052QCMTX bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADC128S052QCMTX Datasheet HTML 1Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 2Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 3Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 4Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 5Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 6Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 7Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 8Page - Texas Instruments ADC128S052QCMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC128S052
ADC128S052, ADC128S052-Q1
www.ti.com
SNAS333E – AUGUST 2005 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Chip select. On the falling edge of CS, a conversion process begins. Conversions continue
1
CS
Digital I/O
as long as CS is held low.
Positive analog supply pin. This voltage is also used as the reference voltage. This pin must
Power
2
VA
be connected to a quiet 2.7-V to 5.25-V source and bypassed to GND with 1-µF and 0.1-µF
Supply
monolithic ceramic capacitors located within 1 cm of the power pin.
Power
3
AGND
The ground return for the analog supply and signals.
Supply
4
5
6
7
IN0 to IN7
Analog I/O
Analog inputs. These signals can range from 0 V to VREF.
8
9
10
11
Power
12
DGND
The ground return for the digital supply and signals.
Supply
Power
Positive digital supply pin. This pin must be connected to a 2.7-V to VA supply, and bypassed
13
VD
Supply
to GND with a 0.1-µF monolithic ceramic capacitor located within 1 cm of the power pin.
Digital data input. The control register of the ADC128S052 is loaded through this pin on
14
DIN
Digital I/O
rising edges of the SCLK pin.
Digital data output. The output samples are clocked out of this pin on the falling edges of the
15
DOUT
Digital I/O
SCLK pin.
Digital clock input. The ensured performance range of frequencies for this input is
16
SCLK
Digital I/O
3.2 MHz to 8 MHz. This clock directly controls the conversion and readout processes.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC128S052 ADC128S052-Q1


Số phần tương tự - ADC128S052QCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052QCMTX/NOPB TI1-ADC128S052QCMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S052QCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com