công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B29IRGZR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS41B29IRGZR
Giải thích chi tiết về linh kiện  Ultralow-Power ADCs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B29IRGZR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS41B29IRGZR Datasheet HTML 1Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 2Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 3Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 4Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 5Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 6Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
2
ADS41B29, ADS41B49
SBAS486F – NOVEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS41B29 ADS41B49
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings.............................................................. 7
6.3
Recommended Operating Conditions ....................... 8
6.4
Thermal Information .................................................. 8
6.5
Electrical Characteristics: General ............................ 9
6.6
Electrical Characteristics: ADS41B29, ADS41B49 . 10
6.7
Digital Characteristics ............................................. 11
6.8
Timing Requirements: LVDS and CMOS Modes.... 12
6.9
Timing Requirements: Reset .................................. 13
6.10
Timing Requirements: LVDS Timing Across
Sampling Frequencies ............................................. 13
6.11
Timing Requirements: CMOS Timing Across
Sampling Frequencies ............................................. 13
6.12
Timing Requirements: CMOS Timing Across
Sampling Frequencies ............................................. 13
6.13
Typical Characteristics: ADS41B49 ...................... 14
6.14
Typical Characteristics: ADS41B29 ...................... 17
6.15
Typical Characteristics: General ........................... 20
6.16
Typical Characteristics: Contour ........................... 21
7
Parameter Measurement Information ................ 22
7.1
Timing Diagrams ..................................................... 22
8
Detailed Description ............................................ 25
8.1
Overview ................................................................. 25
8.2
Functional Block Diagram ....................................... 25
8.3
Feature Description................................................. 26
8.4
Device Functional Modes........................................ 36
8.5
Programming........................................................... 38
8.6
Register Maps ......................................................... 40
9
Application and Implementation ........................ 48
9.1
Application Information............................................ 48
10
Power Supply Recommendations ..................... 50
10.1
Power-Supply Sequence....................................... 50
11
Layout................................................................... 50
11.1
Layout Guidelines ................................................. 50
12
Device and Documentation Support ................. 51
12.1
Documentation Support ........................................ 51
12.2
Related Links ........................................................ 51
12.3
Community Resources.......................................... 51
12.4
Trademarks ........................................................... 51
12.5
Electrostatic Discharge Caution ............................ 51
12.6
Glossary ................................................................ 51
13
Mechanical, Packaging, and Orderable
Information ........................................................... 51
4 Revision History
Changes from Revision E (July 2012) to Revision F
Page
Changed title and changed ADS41B49/29 to ADS41Bx9 and QFN to VQFN throughout document .................................... 1
Added Applications section, Device Information table, front-page figure, ESD Ratings table, Feature Description
section, Device Functional Modes section, Programming section, Register Maps section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Deleted Ordering Information table ....................................................................................................................................... 1
Changed Pin Functions table: changed title and format ....................................................................................................... 6
Added Added last row to Voltage applied to input pins section in Absolute Maximum Ratings table ................................... 7
Changed Temperature parameters in Absolute Maximum Ratings table: changed format of Temperature section and
changed maximum specifications for TA and TJ ..................................................................................................................... 7
Changed TYP column header to NOM in Recommended Operating Conditions table ......................................................... 8
Changed Digital Outputs, TJ parameter in Recommended Operating Conditions table ........................................................ 8
Deleted High-Performance Modes section from Recommended Operating Conditions table ............................................... 8
Changed conditions of Electrical Characteristics: General table from temperature to ambient temperature ........................ 9
Changed conditions of Electrical Characteristics: ADS41B29, ADS41B49 table from temperature to ambient
temperature .......................................................................................................................................................................... 10
Added footnote 1 to Electrical Characteristics: ADS41B29, ADS41B49 table ..................................................................... 10
Changed conditions of Timing Requirements: LVDS and CMOS Modes table from temperature to ambient temperature 12
Added footnotes 6 and 7 to Timing Requirements: LVDS and CMOS Modes table............................................................ 12
Added footnote 1 to Timing Requirements: Reset table ..................................................................................................... 13
Changed title of Figure 13 and Figure 14 ............................................................................................................................ 16
Changed title of Figure 31 and Figure 32 ............................................................................................................................ 19


Số phần tương tự - ADS41B29IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B29IRGZR TI-ADS41B29IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZR TI-ADS41B29IRGZR Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Mô tả tương tự - ADS41B29IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
   12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14 Datasheet
1Mb / 32P
   14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com