công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSA7887BRZ-REEL bảng dữ liệu(PDF) 11 Page - Silicon Laboratories

tên linh kiện TSA7887BRZ-REEL
Giải thích chi tiết về linh kiện  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887BRZ-REEL bảng dữ liệu(HTML) 11 Page - Silicon Laboratories

Back Button TSA7887BRZ-REEL Datasheet HTML 7Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 8Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 9Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 10Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 11Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 12Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 13Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 14Page - Silicon Laboratories TSA7887BRZ-REEL Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TSA7887
TSA7887 Rev. 1.0
Page 11
and performance will degrade. Figure 6 illustrates
how the TSA7887’s harmonic performance as a
function of frequency is affected by different source
impedances.
The TSA7887’s Internal 2.5-V Reference
Using the REF bit (the DB5 bit) in the TSA7887’s
Control Register, the TSA7887’s internal 2.5-V
reference can be enabled (DB5 cleared to “0”) or
disabled (DB5 set to “1”). If enabled (the default
condition), the internal voltage reference can be
used in applications for other purposes and, if this is
desired, the reference should be buffered by an
external, precision op amp. If an external, precision
voltage reference is to be used instead of the
TSA7887’s internal reference, the internal reference
is
automatically
overdriven.
In
this
case,
the
TSA7887’s internal reference should be disabled by
setting the REF bit in the control register. When the
internal reference is disabled, switch SW1 as shown
in Figure 7 opens and the input impedance seen at
the AIN1/VREF pin is the reference buffer’s input
impedance, approximately in the gigaohm range
(G
Ω). When the internal reference is enabled, the
input impedance at the AIN1/VREF pin is typically
10k
Ω. When the TSA7887 is configured for two-
channel operation, the TSA7887’s reference is set
internally to VDD.
TSA7887’s Power-Down Operating Modes
The TSA7887 provides flexible power management
to allow the user to achieve the best power
performance for a given throughput rate. The four
power
management
options
are
selected
by
programming the TSA7887’s power management
bits (“PM” Bits PM1 and PM0) in the control register
as summarized in Table 6. When the PM bits are
programmed for either of the auto power-down
modes (PM Mode 3 or 4), the TSA7887 is powered-
down on the 16th low-to-high SCLK transition after a
high-to-low CS transition. The first high-to-low SCLK
transition after a high-to-low CS
transition powers-
up the TSA7887 again. When the TSA7887 is
programmed in PM Mode 1 (i.e., [PM1,PM0] = [0,0],
the default condition), the TSA7887 is powered
down on a low-to-high CS transition and powers up
from shutdown on a high-to-low CS transition. If the
CS
pin is toggled low-to-high during the conversion
in this operating mode, the ADC is immediately
powered down.
Cold-Start and Standby Power-Up Delay Times
When VDD is first applied to the TSA7887 (in other
words, from cold start-up), the ADC powers up in PM
Mode 1 ([PM1,PM0] = [0,0]). Upon a subsequent
high-to-low CS
transition, the TSA7887’s power-up
delay time is approximately 5
μs When using an
external
voltage
reference
in
single-channel
operation or when the TSA7887 is powered up from
standby mode (PM Mode 4), its power-up delay time
is approximately 1
μs because the internal reference
has been either disabled (refer to Control Register
DB5) or
the internal reference has
remained
powered up (via PM Mode 4). Since the TSA7887’s
power-up delay time PM Mode 4 is very short,
powering up the ADC and executing a conversion
with valid results in the same read/write operation is
feasible.
TSA7887 Power Consumption vs.
Throughput Rate Considerations
In operating the TSA7887 in auto-shutdown mode
(PM Mode 3), in auto-standby mode (PM Mode 4),
or in PM Mode 1, the average power drawn by the
TSA7887 decreases at lower throughput rates. As
shown in Figure 8, the average power drawn from
Figure 7: TSA7887’s Integrated 2.5-V VREF Circuitry.
THROUGHPUT RATE - ksps
1
0.1
0.01
0
10
30
50
20
10
Figure 8: TSA7887 Power Consumption
vs Throughput Rate
VDD = 3V
SCLK = 2MHz
VDD = 5V
SCLK = 2MHz
40


Số phần tương tự - TSA7887BRZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TSA7887BRZ-REEL TOUCHSTONE-TSA7887BRZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Mô tả tương tự - TSA7887BRZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com