công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSA7887BRZ bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện TSA7887BRZ
Giải thích chi tiết về linh kiện  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887BRZ bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button TSA7887BRZ Datasheet HTML 4Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 5Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 6Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 7Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 8Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 9Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 10Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 11Page - Silicon Laboratories TSA7887BRZ Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TSA7887
Page 8
TSA7887 Rev. 1.0
TSA7887 CONTROL REGISTER DESCRIPTION
The TSA7887’s write-only control register is 8-bits
wide. Serial ADC configuration data is uploaded
from the host processor at the TSA7887’s DIN pin
on low-to-high SCLK transitions. Serial input data is
uploaded to the TSA7887 simultaneously as the
conversion result is transferred out of the TSA7887.
All serial data transfers require 16 serial clocks
transitions. After a high-to-low CS transition signal,
serial data available on the first eight low-to-high
SCLK transitions is transferred into the control
register. The first bit in the serial data stream is
always interpreted as the MSB. Upon initial power-
up, the TSA7887’s default control register bit is
cleared to all zeros (all “0”s). Table 1 lists the
functions of the Control Register’s 8 bits.
Table 1. TSA7887’s 8-Bit Control Register Content Description
DB7 (MSB)
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DONTC
ZERO
REF
SIN/DUAL
CH
ZERO
PM1
PM0
DBx
Label
Comment
7
DONTC
Control Register DB7: Bit status of DB7 is “Don’t Care.” In other words, the DB7 bit can be a “0” or a “1”.
6
ZERO
Control Register DB6: To ensure correct TS7887 operation, Control Register DB6 status must always be a “zero”
(“0”).
5
REF
Control Register DB5 – Internal Voltage Reference Configuration: The status of DB5 determines whether the
TSA7887’s internal voltage reference is enabled or disabled. A “0” in the DB5 location will enable the TSA7887’s
internal voltage reference (default condition). To disable the TSA7887’s internal voltage reference, a “1” must be
written into DB5’s register location.
4
SIN/DUAL
Control Register DB4 - Single-Channel/Dual-Channel Configuration. Control Register DB4 configures the TSA7887 as
a single-channel or two-channel ADC. Loading a “zero” (“0”) into this register location configures the TSA7887 for
single-channel operation with the AIN1/VREF pin configured to for internal VREF operation (default configuration). In
this case, the analog input signal range is 0V to VREF. Loading a “one” (“1”) into this register location configures the
TSA7887 for two-channel operation with the AIN1/VREF pin configured to its AIN1 function as the second analog
input. In addition, the conversion process’s reference voltage is internally connected to VDD. In this case, the analog
input signal range is 0V to VDD. To obtain best performance from the TSA7887 in two-channel operation, the ADC’s
internal reference should be disabled; that is, a “1” should be loaded into DB5’s register location.
3
CH
Control Register DB3 - Channel Select Bit: The bit status of DB3 determines on which channel the TSA7887 is
converting. When the ADC is configured for dual-channel operation, DB3 determines which channel is converted on
the next conversion cycle. When DB3 is a “zero” (a “0”), the AIN0 input is selected and, when DB3 is a “one” (a “1”),
the AIN1 input is selected. DB3 should be a “zero” (“0”) when the TSA7887 is configured for single-channel operation.
2
ZERO
Control Register DB2: To ensure correct TS7887 operation, Control Register DB2 status must always be a “zero”
(“0”).
1
PM1
Control Register DB1 and DB0 - Power Management Operating Modes: DB1 and DB0 are decoded to configure the
TSA7887 into one of four operating modes as shown in Table 2.
0
PM0
Table 2. TSA7887’s Power Management Operating Modes
PM1
PM0
Mode
0
0
PM Mode 1: In this operating mode, the TSA7887’s power-down mode is enabled if its CS input is a “one” ( a “1”) and is
operating in full-power mode when its CS input is a “zero” (a “0”). Thus, the TSA7887 is powered down on a low-to-high
CS transition and is powered up on a high-to-low CS transition.
0
1
PM Mode 2: In this operating mode and regardless of the status of any of the logic inputs, the TSA7887 is always fully
powered up.
1
0
PM Mode 3: In this operating mode, the TSA7887 is automatically powered down at the end of each conversion
regardless of the state of the CS input. ADC wake-up time from full shutdown is 5
μs and system design should ensure
that at least 5
μs have elapsed before attempting to perform a conversion in this mode; otherwise, an invalid conversion
result may occur.
1
1
PM Mode 4: In this operating mode, the TSA7887 is configured for standby operation after conversion. Sections of the
TSA7887 are powered down; however, the internal 2.5-V reference voltage remains powered up. While PM Mode 4 is
similar to PM Mode 3, PM Mode 4 operation allows the TSA7887 to power up much faster. For optimal performance, the
Control Register’s REF bit (DB5) should be a “zero” (“0”) to ensure the internal reference is enabled/remains enabled.


Số phần tương tự - TSA7887BRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TSA7887BRZ TOUCHSTONE-TSA7887BRZ Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887BRZ-REEL TOUCHSTONE-TSA7887BRZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Mô tả tương tự - TSA7887BRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com