công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS12001 bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện TS12001
Giải thích chi tiết về linh kiện  Nanopower Voltage Detector with Dual Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12001 bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button TS12001 Datasheet HTML 3Page - Silicon Laboratories TS12001 Datasheet HTML 4Page - Silicon Laboratories TS12001 Datasheet HTML 5Page - Silicon Laboratories TS12001 Datasheet HTML 6Page - Silicon Laboratories TS12001 Datasheet HTML 7Page - Silicon Laboratories TS12001 Datasheet HTML 8Page - Silicon Laboratories TS12001 Datasheet HTML 9Page - Silicon Laboratories TS12001 Datasheet HTML 10Page - Silicon Laboratories TS12001 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS12001
Page 8
TS12001 Rev. 1.0
allows the output of the comparator to latch to a
HIGH state under certain conditions. If LHDET is set
HIGH, the COUTPP output will switch based on the
input to the comparator. When LHDET is set LOW
and COUTPP is HIGH, COUTPP will remain HIGH
until LHDET goes HIGH. If COUTPP is initially LOW
instead, COUTPP will remain LOW until a LOW-to-
HIGH transition occurs on the COUTPP output. After
this event, COUTPP will remain HIGH and be
unresponsive to any changes at the input of the
comparator until LHDET goes HIGH. In essence, the
LHDET
pin
offers
a
LOW-to-HIGH
detection.
However, LHDET must not be left open. The open-
drain output, COUTOD, is the inverter version of the
COUTPP output. Connect LHDET to VIN for normal
operation or to VSS for LHDET enable.
If the SET pin is not used, it cannot be left
unconnected and should be tied to VSS.
Comparator
The TS12001 has an internal comparator that can
eliminate supply glitches that commonly occur when
output transitions occur. In addition, the input exhibits
±10mV of internal hysteresis in order to insure clean
output switching behavior. The outputs can swing to
within 100mV of the supply rails. The COUTPP
output can source and sink 0.1mA and 0.5mA of
current. The COUTD outputs can sink 1.4mA of
current with VCOUTOD = 0.78V
Internal Reference
The TS12001’s on-board 0.58V ±4.5% reference
voltage can source and sink 0.1µA and 0.1µA of
current and can drive a capacitive load less than
50pF and greater than 50nF with a maximum
capacitive load of 250nF. The higher the capacitive
load, the lower the noise on the reference voltage
and the longer the time needed for the reference
voltage to respond and become available on the
REFOUT pin. With a 250nF capacitive load, the
response time is approximately 20ms. While also
available as a separate pin as REFOUT, the
reference is tied internally to the inverting input of the
comparator.
APPLICATIONS INFORMATION
External Voltage Detector Design
Depending on the battery voltage used and the
voltage one wishes to detect, the TS12001 can be
designed accordingly. As shown in Figure 1, R1 and
R2 can be selected based on the desired voltage to
detect. Table 1. provides R1 and R2 resistor
combinations for detecting various VIN voltages.
VIN Threshold
Voltage(V)
R1(M
Ω) R2(MΩ)
0.9
2.2
4.02
1.07
3.32
4.02
1.28
4.75
4.02
1.52
6.49
4.02
1.85
8.66
4.02
Table 1. Resistor Combinations for Several VIN
Threshold Voltages
The design equation for this circuit is shown
below. The SET pin voltage (VSET) that will
cause a HIGH-to-LOW transition on the output is
approximately 580mV. To design the circuit, R1
or R2 can be selected along with the desired
battery voltage to detect.
Then,
the
second
resistor
value
can
be
evaluated using the voltage divider equation
below.
R1=
VIN x R2‐VSET x R2
VSET
A Nanopower 1.8V Core System Voltage Detector
When power supply rails sag in any system, it is
important to alert the CPU. A CPU can be used to
detect when I/O or core system voltages sag below a
prescribed threshold as shown Figure 2. In this
circuit, a 1.8V core system voltage detector is
designed around the TS12001 providing a low battery
detect signal. R1 and R2 were selected to set a SET
voltage at 582mV so that when VCORE drops below
1.77V, the TS12001 output transitions to LOW. It is
recommended to use 1% resistors for optimal
accuracy.
The
circuit
consumes
approximately
0.75µA of current when VCORE = 1.8V.
PC Board Layout and Power-Supply Bypassing
While
power-supply
bypass
capacitors
are
not
typically required, it is good engineering practice to
use 0.1uF bypass capacitors close to the device’s


Số phần tương tự - TS12001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C017 SEMTECH-TS12001-C017 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C021 SEMTECH-TS12001-C021 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
More results

Mô tả tương tự - TS12001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Texas Instruments
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com